Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-C7-R Datasheet(PDF) 13 Page - M-System Co.,Ltd.

Part # SML-C7-R
Description  Single Loop Controller Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SML-C7-R Datasheet(HTML) 13 Page - M-System Co.,Ltd.

Back Button SML-C7-R Datasheet HTML 9Page - M-System Co.,Ltd. SML-C7-R Datasheet HTML 10Page - M-System Co.,Ltd. SML-C7-R Datasheet HTML 11Page - M-System Co.,Ltd. SML-C7-R Datasheet HTML 12Page - M-System Co.,Ltd. SML-C7-R Datasheet HTML 13Page - M-System Co.,Ltd. SML-C7-R Datasheet HTML 14Page - M-System Co.,Ltd. SML-C7-R Datasheet HTML 15Page - M-System Co.,Ltd. SML-C7-R Datasheet HTML 16Page - M-System Co.,Ltd. SML-C7-R Datasheet HTML 17Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MODEL: SML
SML SPECIFICATIONS
ES-6371 Rev.4 Page 13/17
http://www.m-system.co.jp/
ANALOG I/O MODULE
(Ai 2 points (isolated between chs) + Ao 2 points (isolated
between chs, current output)
MODEL: SML–R2–[1]
ORDERING INFORMATION
• Code number: SML-R2-[1]
Specify a code from below for [1].
(e.g. SML-R2-M2)
[1] POWER INPUT
AC Power
M2: 100 – 240 V AC
DC Power
R: 24 V DC
GENERAL SPECIFICATIONS
Connection: M3.5 screw terminals
Isolation: NestBus to input 1 to input 2 to output 1 to output
2 to RUN contact output to power to FG
INPUT SPECIFICATIONS
■ Analog Input
Input: DC voltage, 2 points (isolated between chs)
Operational range: 0.5 – 5.5 V DC (1 – 5 V DC)
Input resistance: ≥ 1 MΩ
OUTPUT SPECIFICATIONS
■ Analog Output
Output: DC Current, 2 points (isolated between chs)
Operational range: 3.2 – 20.8 mA DC (4 - 20 mA DC)
Load resistance: ≤ 300 Ω
PERFORMANCE in percentage of span
A/D conversion: ±0.1 %
D/A conversion: ±0.1 %
Temp. coefficient:
Input: ±0.015%/°C (±0.008%/°F)
Output: ±0.015%/°C (±0.008%/°F)
EXTERNAL VIEW
T1
PWR
RUN
T2
T3
T4
T5
T6
Card No. Set SW
Modular Jack
Euro Type Connector
Terminal
Run Indicator LED
Jumper Pin
Power Indicator LED
I/O TERMINAL CONNECTION
10
2
11
3
5
12
4
6
15
9
1 Ao 1 (+)
Ai 2 (–)
Ai 2 (+)
Ai 1 (–)
Ai 1 (+)
Ao 2 (–)
Ao 2 (+)
Ao 1 (–)
Base Socket
Enclosing broken lines indicate insulation sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com