Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-C8-R Datasheet(PDF) 12 Page - M-System Co.,Ltd.

Part # SML-C8-R
Description  Single Loop Controller Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SML-C8-R Datasheet(HTML) 12 Page - M-System Co.,Ltd.

Back Button SML-C8-R Datasheet HTML 8Page - M-System Co.,Ltd. SML-C8-R Datasheet HTML 9Page - M-System Co.,Ltd. SML-C8-R Datasheet HTML 10Page - M-System Co.,Ltd. SML-C8-R Datasheet HTML 11Page - M-System Co.,Ltd. SML-C8-R Datasheet HTML 12Page - M-System Co.,Ltd. SML-C8-R Datasheet HTML 13Page - M-System Co.,Ltd. SML-C8-R Datasheet HTML 14Page - M-System Co.,Ltd. SML-C8-R Datasheet HTML 15Page - M-System Co.,Ltd. SML-C8-R Datasheet HTML 16Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MODEL: SML
SML SPECIFICATIONS
ES-6371 Rev.4 Page 12/17
http://www.m-system.co.jp/
PULSE INPUT MODULE
(Pi 4 points)
MODEL: SML–P4–[1][2]
ORDERING INFORMATION
• Code number: SML-P4-[1][2]
Specify a code from below each [1] and [2].
(e.g. SML-P4-K/LF)
[1] POWER INPUT
AC Power
K: 85 – 132 V AC
L: 170 – 264 V AC
DC Power
R: 24 V DC
[2] OPTIONS
Lowpass Filter
blank: Without
/LF: With
GENERAL SPECIFICATIONS
Connection: M3.5 screw terminals
Isolation: NestBus to input to RUN contact output to power
to FG
Input status indicator LED: Red LEDs assigned to each
channel
INPUT SPECIFICATIONS
■ Pulse Input
Input: open collector, 4 points
Commons: All negatives
Frequency range: 0 – 10 kHz (without lowpass filter)
0 - 10 Hz (with lowpass filter)
Pulse width time requirement:
50 μsec.(without lowpass filter)
60 msec.(with lowpass filter)
Sensing: 24V DC
ON current/resistance: 3mA min., 1 kΩ max.
OFF current/resistance: 1mA max., 50 kΩ min.
Counter: 0 – 9999 (reset to zero with overflow)
EXTERNAL VIEW
T1
PWR
RUN
2
4
1
3
T2
T3
T4
T5
T6
Input Status
Indicator LEDs
Card No. Set SW
Modular Jack
Run Indicator LED
Jumper Pin
Power Indicator LED
Euro Type Connector Terminal
TERMINAL CONNECTION (INPUT)
Base Socket
15
1
2
11
5
4
3
6
9
12
10
COM(–)
Pi 4
Pi 3
Pi 2
Pi 1
24V
1
2
3
4
Italic figures indicate LED No. on the front panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com