Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-E5-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # SML-E5-R
Description  Single Loop Controller Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SML-E5-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  SML-E5-R Datasheet HTML 1Page - M-System Co.,Ltd. SML-E5-R Datasheet HTML 2Page - M-System Co.,Ltd. SML-E5-R Datasheet HTML 3Page - M-System Co.,Ltd. SML-E5-R Datasheet HTML 4Page - M-System Co.,Ltd. SML-E5-R Datasheet HTML 5Page - M-System Co.,Ltd. SML-E5-R Datasheet HTML 6Page - M-System Co.,Ltd. SML-E5-R Datasheet HTML 7Page - M-System Co.,Ltd. SML-E5-R Datasheet HTML 8Page - M-System Co.,Ltd. SML-E5-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MODEL: SML
SML SPECIFICATIONS
ES-6371 Rev.4 Page 2/17
http://www.m-system.co.jp/
Rating: 100 V AC @ 0.5A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
Maximum switching voltage: 250 V AC or 220 V DC
Maximum switching power: 62.5 VA or 60 W
Minimum load: 10 mV DC @ 1 mA
Mechanical life: 5 x 107 cycles
NestBus
Configuration: Bus type multi-drop
Standard: Conforms to TIA/EIA-485-A
Transfer rate: 19.2 kbps
Protocol: NestBus (M-System’s own protocol)
Max. transmission distance: 1 kilometer
Transmission media:
Shielded twisted-pair cable (CPEV-S 0.9 dia.)
Terminating resistor: Incorporated
Card No. adjustment: Rotary switch; 0 - F (16)
INSTALLATION
Power consumption
•AC
I/O selection codes other than R2: Approx. 3 VA
R2:
Approx. 5 VA at 100 V AC
Approx. 7 VA at 200 V AC
Approx. 8 VA at 264 V AC
•DC: Approx. 3 W (125 mA)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Work area: 170 mm (6.7") min. from the mounting surface
required
Weight
I/O selection codes other than R2: Approx. 400 g (0.88 lb)
R2: Approx. 500 g (1.10 lb)
PERFORMANCE
Permissible power failure duration: ≤ 20 ms
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength
I/O selection codes other than R2: 1500 V AC @ 1 minute
(NestBus to I/O to RUN contact output to power to FG)
R2: 1500 V AC @ 1 minute
(NestBus to input 1 to input 2 to output 1 to output 2 to RUN
contact output to power to FG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com