Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-G4-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # SML-G4-R
Description  Single Loop Controller Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SML-G4-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  SML-G4-R Datasheet HTML 1Page - M-System Co.,Ltd. SML-G4-R Datasheet HTML 2Page - M-System Co.,Ltd. SML-G4-R Datasheet HTML 3Page - M-System Co.,Ltd. SML-G4-R Datasheet HTML 4Page - M-System Co.,Ltd. SML-G4-R Datasheet HTML 5Page - M-System Co.,Ltd. SML-G4-R Datasheet HTML 6Page - M-System Co.,Ltd. SML-G4-R Datasheet HTML 7Page - M-System Co.,Ltd. SML-G4-R Datasheet HTML 8Page - M-System Co.,Ltd. SML-G4-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MODEL: SML
SML SPECIFICATIONS
ES-6371 Rev.4 Page 1/17
http://www.m-system.co.jp/
Single Loop Controller Series
REMOTE I/O MODULE
(for NestBus use)
Functions & Features
• Remote I/O module for the NestBus use
• Plugin hardware
• Twisted-pair cable transmission
• Removable terminal block
• Self-diagnostics
• Monitor LED provided for contact I/O modules
72
(2.83)
142
(5.59)
80
(3.15)
mm (inch)
678
RUN
PWR
■ OTHER THAN SML-R2
RUN
PWR
678
72
(2.83)
80
(3.15)
149
(5.87)
mm (inch)
■ SML-R2
MODEL: SML–[1]-[2][3]
ORDERING INFORMATION
• Code number: SML-[1]-[2][3]
Specify a code from below each [1] through [3].
(e.g. SML-A4-K)
[1] I/O SECTION
A4: Di 8 points
C7: Do 8 points (photo MOSFET relay)
C8: Do 8 points (relay)
E5: Di 4 + Do 4 points (relay)
G3: Ai 8 points
G4: Ai 4 points
M4: Ao 4 points
P4: Pi 4 points
R2: Ai 2 points (isolated between chs)
+ Ao 2 points (isolated between chs, current output)
(power input code K, L not selectable)
R3: Ai 4 + Ao 4 points
S5: Ai 4 + Di 4 points
S6: Ao 4 + Do 4 points (relay)
[2] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 47 – 66 Hz)
(Selectable only for SML-R2)
K: 85 – 132 V AC (Operational voltage range 85 – 132 V, 50 – 60 Hz)
L: 170 – 264 V AC (Operational voltage range 170 – 264 V, 50 - 60 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
Lowpass Filter
(only for SML-P4)
blank: Without
/LF: With
RELATED PRODUCTS
• Loop configuration builder software (model: SFEW3E)
Builder software downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the users manual for the Builder software
for applicable cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
I/O signal, Power input: M3.5 screw terminals (torque 0.8
N·m)
NestBus, RUN contact output: Euro type connector
terminal
Applicable wire size: 0.2 to 2.5 mm2, stripped length 7 mm
Screw terminal: Chromated steel
Housing material: Flame-resistant resin (black)
Isolation:
I/O selection codes other than R2: NestBus to I/O to RUN
contact output to power to FG
R2: NestBus to input 1 to input 2 to output 1 to output 2 to
RUN contact output to power to FG
Power indicator: Red LED turns on when power is supplied.
RUN indicator: Red LED turns on when data are transmitted
to the NestBus.
■ RUN Output: Contact opens in an abnormality.


Similar Part No. - SML-G4-R

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-01 ROHM-SML-01 Datasheet
349Kb / 3P
High Brightness Type Chip LEDs with reflector
SML-010 ROHM-SML-010 Datasheet
363Kb / 3P
Standard Type Chip LEDs with reflector
SML-010 ROHM-SML-010 Datasheet
88Kb / 5P
Chip LEDs with reflectors SML-010 Series
SML-010DT ROHM-SML-010DT Datasheet
363Kb / 3P
Standard Type Chip LEDs with reflector
SML-010DT ROHM-SML-010DT Datasheet
207Kb / 5P
Chip LEDs with reflectors
More results

Similar Description - SML-G4-R

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
DLC01001 REDLION-DLC01001 Datasheet
1Mb / 28P
DUAL LOOP CONTROLLER
logo
M-System Co.,Ltd.
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC110 MSYSTEM-SC110 Datasheet
437Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC100 MSYSTEM-SC100 Datasheet
395Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200D MSYSTEM-SC200D Datasheet
419Kb / 11P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200W MSYSTEM-SC200W Datasheet
436Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210 MSYSTEM-SC210 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210W MSYSTEM-SC210W Datasheet
482Kb / 13P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SD10 MSYSTEM-SD10 Datasheet
201Kb / 9P
Single Loop Controller Series BARGRAPH INDICATING ALARM
SM10 MSYSTEM-SM10 Datasheet
226Kb / 9P
Single Loop Controller Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com