Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40EW2F-S/S Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # WL40EW2F-S/S
Description  Wireless I/O WL40F Series WIRELESS GATEWAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40EW2F-S/S Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  WL40EW2F-S/S Datasheet HTML 1Page - M-System Co.,Ltd. WL40EW2F-S/S Datasheet HTML 2Page - M-System Co.,Ltd. WL40EW2F-S/S Datasheet HTML 3Page - M-System Co.,Ltd. WL40EW2F-S/S Datasheet HTML 4Page - M-System Co.,Ltd. WL40EW2F-S/S Datasheet HTML 5Page - M-System Co.,Ltd. WL40EW2F-S/S Datasheet HTML 6Page - M-System Co.,Ltd. WL40EW2F-S/S Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: WL40EW2F
WL40EW2F SPECIFICATIONS
ES-9080 Rev.0 Page 5/7
http://www.m-system.co.jp/
MODBUS FUNCTION CODES & SUPPORTED CODES
Modbus function codes are shown below.
■ DATA AND CONTROL FUNCTIONS
CODE
NAME
01
Read Coil Status
Digital output from the slave (read/write)
02
Read Input Status
Status of digital inputs to the slave (read only)
03
Read Holding Registers
General purpose register within the slave (read/write)
04
Read Input Registers
Collected data from the eld by the slave (read only)
05
Force Single Coil
Digital output from the slave (read/write)
06
Preset Single Registers
General purpose register within the slave (read/write)
15
Force Multiple Coils
Digital output from the slave (read/write)
16
Preset Multiple Registers
General purpose register within the slave (read/write)
■ EXCEPTION CODES
CODE
NAME
06
Slave Device Busy
Device’s Modbus/TCP request queue is full.
11
Gateway Target Device Failed To Respond
Response from 900MHz band wireless device (child) is error, or response
timeout occurred.
Note: When 900 MHz band wireless device (child) returns an exception code other than the above, the exception code is directly transmit-
ted to upper devices.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com