Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOS2T-R-21R0 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # VOS2T-R-21R0
Description  Position Sensors 2-WIRE POSITION TRANSMITTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

VOS2T-R-21R0 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  VOS2T-R-21R0 Datasheet HTML 1Page - M-System Co.,Ltd. VOS2T-R-21R0 Datasheet HTML 2Page - M-System Co.,Ltd. VOS2T-R-21R0 Datasheet HTML 3Page - M-System Co.,Ltd. VOS2T-R-21R0 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: VOS2T-R
VOS2T-R SPECIFICATIONS
ES-4766 Rev.7 Page 2/4
http://www.m-system.co.jp/
10
15
20
25
28
12
0
150
300
450
600
750
SUPPLY VOLTAGE [V]
(600Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 15 – 28 V DC
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 % RH (non-condensing inside)
Environemnt: Protect from strong magnetic field.
Vibration: ≤ 2 G (19.6 m/s2)
Mounting position: All directions
Weight: 550 g (1.21 lb) without lever and cable
PERFORMANCE in percentage of span
Linearity: 1.0 %
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(output to metal housing)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com