Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOS2T-R-31R0 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # VOS2T-R-31R0
Description  Position Sensors 2-WIRE POSITION TRANSMITTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

VOS2T-R-31R0 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  VOS2T-R-31R0 Datasheet HTML 1Page - M-System Co.,Ltd. VOS2T-R-31R0 Datasheet HTML 2Page - M-System Co.,Ltd. VOS2T-R-31R0 Datasheet HTML 3Page - M-System Co.,Ltd. VOS2T-R-31R0 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: VOS2T-R
VOS2T-R SPECIFICATIONS
ES-4766 Rev.7 Page 1/4
http://www.m-system.co.jp/
Position Sensors
2-WIRE POSITION TRANSMITTER
(rotary motion type; 90 degrees)
Functions & Features
• Detecting rotating angle of a valve actuator or moving
positions of other rotating machines and transmitting
standard 4 to 20 mA DC proportional to the position
• Light weight and compact design
• High resolution
• Excellent reliability & durability
• Field selectable direct or reverse action
• Rugged enclosure
mm (inch)
119
(4.69)
MODEL: VOS2T–R–[1][2][3][4]
ORDERING INFORMATION
• Code number: VOS2T-R-[1][2][3][4]
Specify a code from below for each of [1] through [4].
(e.g. VOS2T-R-11L0)
• Input angle
Shipped with input angle adjusted as specified.
If not specified it is adjusted to -45 - 45°.
[1] LEVER
0: None
1: Effective radius 15 – 40 mm (0.59" – 1.57")
2: Effective radius 40 – 130 mm (1.57" – 5.12")
3: Effective radius 35 – 80 mm (1.38" – 3.15")
[2] LEVER POSITION
1: Upper side
2: Lower side
[3] RETURN SPRING
0: None
L: Counterclockwise return (Seen from the lever side)
R: Clockwise return (Seen from the lever side)
[4] WIRING CONDUIT
0: G 1/2
1: 1/2" NPT fitting
2: G 1/2 with cable connector
4: Cables connected (approx. 1 meter or 3.3 ft)
RELATED PRODUCTS
•Link set (model: VOLK)
When using in combination with link set (model: VOLK),
specify the module with lever.
GENERAL SPECIFICATIONS
Degree of protection: IP66
(Screw torque for cover: 1.2 – 1.6 N·m)
Action: Direct or reverse; field selectable by change of the
jumper pins' positions; factory set to direct action
Wiring conduit: G 1/2
Connection: M3.5 screw terminals (torque 0.8 N·m)
Materials
Housing: Cast aluminium
Screw terminals: Nickel-plated steel
Cable connector: Nylon 66
(applicable cable's external dia. 6.5 – 8.5 mm)
Lever: Stainless-steel
Painting color: Silver
Isolation: Output to metal housing
Zero adjustment: -4.5 – +4.5° of input angle
The Zero indicates such input angle where the transmitter
outputs 12 mA.
Span adjustment: 45 – 90° of input angle
The Span indicates the absolute difference between such
input angle for 4 mA and that for 20 mA.
INPUT SPECIFICATIONS
Input: Mechanical rotating angle
Effective rotating angle: Approx. -55 – +55° (110°)
Linearity assured range: -45 – +45° (90°)
Input angle ajustment: Angle for positive and negative with
center 0°. (-22.5 - +22.5° to -45 - +45°)
Stopper strength: 1.37 N·m (1.011 ft·lbf)
with static load
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Operational range: 3.5 – 23 mA DC
Load resistance v.s. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 12 (V)) ÷ 0.02
(A) (including leadwire resistance)
(Refer to the graphic on the end of the section)
Output characteristics: Proportional to the input angle


Similar Part No. - VOS2T-R-31R0

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
VOS2T-R-31R0 MSYSTEM-VOS2T-R-31R0 Datasheet
132Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
More results

Similar Description - VOS2T-R-31R0

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
553744 FESTO-553744 Datasheet
80Kb / 1P
Position transmitter
1531268 FESTO-1531268 Datasheet
90Kb / 2P
Position transmitter
1531269 FESTO-1531269 Datasheet
89Kb / 2P
Position transmitter
8063974 FESTO-8063974 Datasheet
101Kb / 2P
Position transmitter
8063975 FESTO-8063975 Datasheet
94Kb / 2P
Position transmitter
logo
M-System Co.,Ltd.
VOS2T MSYSTEM-VOS2T Datasheet
132Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS-E MSYSTEM-VOS-E Datasheet
147Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
logo
Festo Corporation.
8115394 FESTO-8115394 Datasheet
95Kb / 2P
Position transmitter
7/11/22
8115395 FESTO-8115395 Datasheet
92Kb / 2P
Position transmitter
7/11/22
8115396 FESTO-8115396 Datasheet
92Kb / 2P
Position transmitter
7/11/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com