Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOS2T-R-02R0 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # VOS2T-R-02R0
Description  Position Sensors 2-WIRE POSITION TRANSMITTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

VOS2T-R-02R0 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  VOS2T-R-02R0 Datasheet HTML 1Page - M-System Co.,Ltd. VOS2T-R-02R0 Datasheet HTML 2Page - M-System Co.,Ltd. VOS2T-R-02R0 Datasheet HTML 3Page - M-System Co.,Ltd. VOS2T-R-02R0 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: VOS2T-R
VOS2T-R SPECIFICATIONS
ES-4766 Rev.7 Page 3/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
32.5 (1.28)
approx. 50 (1.97)
68 (2.68)
85.5 (3.37)
approx. 102 (4.02)
29 (1.14)
15
(.59)
53 (2.09)
52.5 (2.07)
■ Lever Attached to the Lower Side
26.5
(1.04)
50.5 (1.99)
1/2" NPT FITTING *3
■ Lever Attached to the Upper Side
*1 : Provided when cable connector or cable connected type is selected.
*2 : Provided when cable connected type is selected.
*3 : Provided when NPT fitting is selected.
CABLE *2
CABLE
CONNECTOR *1
G 1/2
110
90
45
18
(.71)
B
A
M5 TAP
6 (.24) deep
n Without Lever
7 –0.1
0
4–M4 TAP
5 (.20) deep
Effective Radius 15 – 40 mm (.59" – 1.57")
LEVER SIZE mm (inch)
R12 (.47) – R45 (1.77)
54 (2.13)
Effective Radius 40 – 130 mm (1.57" – 5.12")
R38 (1.50) – R132 (5.20) 141 (5.55)
Effective Radius 35 – 80 mm (1.38" – 3.15")
R30 (1.18)– R82.5 (3.25) 91.5 (3.60)
LEVER TYPE
A
B
approx. 50 (1.97)
32.5 (1.28)
15
(.59)
approx. 102 (4.02)
O
O
O
52.5 (2.07)
85.5 (3.37)
68 (2.68)
• Effective radius 15 – 40 mm
• Effective radius 15 – 40 mm
• Effective radius 40 – 130 mm or 35 – 80 mm
• Effective radius 40 – 130 mm or 35 – 80 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com