Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR130CSP Datasheet(PDF) 5 Page - International Rectifier

Part # IR130CSP
Description  Flipky
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR130CSP Datasheet(HTML) 5 Page - International Rectifier

  IR130CSP Datasheet HTML 1Page - International Rectifier IR130CSP Datasheet HTML 2Page - International Rectifier IR130CSP Datasheet HTML 3Page - International Rectifier IR130CSP Datasheet HTML 4Page - International Rectifier IR130CSP Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IR130CSP
Bulletin I0182J 08/05
5
www.irf.com
RECOMMENDED FOOTPRINT
0.800 [.032]
Anode Ball 3
Anode Ball 4
0.800 [.032]
Cathode Ball 2
Cathode Ball 1
4X Ø 0.25 [.010]
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 08/05
Data and specifications subject to change without notice.
This product has been designed for Consumer Level.
Qualification Standards can be found on IR's Web site.
0101
0001
DATE CODE
LOT NUMBER
BALL 1 MARK
IR
PART NUMBER
130C
1.524
[.060]
0.800
[.032]
4X
B
1.524
[.060]
A
0.400
[.016]
2X
NOTES:
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
2. CONTROLLING DIMENSION: MILLIMETER
3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
1
0.10 [.004] C
2X
0.10 [.004] C
2X
2 = CATHODE
3 = ANODE
1 = CATHODE
4 = ANODE
BALL ASSIGNMENTS
2
4
3
8mm
1. TAPE AND REEL OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES:
8mm
4mm
FEED DIRECTION
LOCATION
A1 BALL
Ø 13"
FlipKY TM
Outline Dimension and Tape and Reel
0.355
0.395
1.524
0.675
0.595
0.240
0.280



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com