Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOS2T-R-01L2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # VOS2T-R-01L2
Description  Position Sensors 2-WIRE POSITION TRANSMITTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

VOS2T-R-01L2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  VOS2T-R-01L2 Datasheet HTML 1Page - M-System Co.,Ltd. VOS2T-R-01L2 Datasheet HTML 2Page - M-System Co.,Ltd. VOS2T-R-01L2 Datasheet HTML 3Page - M-System Co.,Ltd. VOS2T-R-01L2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: VOS2T
VOS2T SPECIFICATIONS
ES-4767 Rev.8 Page 3/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
29 (1.14)
approx.46 (1.81)
65.5 (2.58)
82 (3.23)
approx. 99 (3.90)
29 (1.14)
53 (2.09)
4–M4 TAP
5 (.20) deep
52.5 (2.07)
• Stroke 30 – 100, or 25 – 60 mm
26.5
(1.04)
50.5 (1.99)
1/2" NPT FITTING *3
n LEVER ATTACHED TO THE UPPER SIDE
*1 : Provided when cable connector or cable connected
type is selected.
*2 : Provided when cable connected type is selected.
*3 : Provided when NPT fitting is selected.
CABLE *2
CABLE CONNECTOR *1
G 1/2
54
45
22.5
18 (.71)
B
A
12.5
(.49)
Stroke 10 – 30 mm (.39" – 1.18")
LEVER SIZE mm (inch)
R12 – R45
54 (2.13)
Stroke 30 – 100 mm (1.18" – 3.94") R38 – R132
141 (5.55)
Stroke 25 – 60 mm (.98" – 2.36")
R30 – R82.5 91.5 (3.60)
LEVER TYPE
A
B
• Stroke 10 – 30 mm
• Stroke 10 – 30 mm
• Stroke 30 – 100, or 25 – 60 mm
n LEVER ATTACHED TO THE LOWER SIDE
O
O
O
29 (1.14)
approx.46 (1.81)
52.5 (2.07)
12.5 (.49)
65.5 (2.58)
82 (3.23)
approx. 99 (3.90)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com