Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL601-01SC Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL601-01SC
Description  Low Phase Noise PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-01SC Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL601-01SC Datasheet HTML 1Page - PhaseLink Corporation PLL601-01SC Datasheet HTML 2Page - PhaseLink Corporation PLL601-01SC Datasheet HTML 3Page - PhaseLink Corporation PLL601-01SC Datasheet HTML 4Page - PhaseLink Corporation PLL601-01SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PLL601-01
Low Phase Noise PLL Clock Multiplier
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 4
4. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
10
27
MHz
Crystal Loading Capacitance
Rating
CL (xtal)
15
pF
5. Jitter Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Max. Absolute Jitter, peak-to-peak
Short term
±100
ps
Max. Jitter, cycle to cycle
60
ps
Phase Noise, relative to carrier, 125Mhz(x5)
100 Hz offset
105
dBc/Hz
Phase Noise, relative to carrier, 125Mhz(x5)
1kHz offset
125
dBc/Hz
Phase Noise, relative to carrier, 125Mhz(x5)
10kHz offset
130
dBc/Hz
Phase Noise, relative to carrier, 125Mhz(x5)
100kHz offset
125
dBc/Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com