Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC3G06 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC3G06
Description  Inverter with open-drain outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC3G06 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC3G06 Datasheet HTML 1Page - NXP Semiconductors 74HC3G06 Datasheet HTML 2Page - NXP Semiconductors 74HC3G06 Datasheet HTML 3Page - NXP Semiconductors 74HC3G06 Datasheet HTML 4Page - NXP Semiconductors 74HC3G06 Datasheet HTML 5Page - NXP Semiconductors 74HC3G06 Datasheet HTML 6Page - NXP Semiconductors 74HC3G06 Datasheet HTML 7Page - NXP Semiconductors 74HC3G06 Datasheet HTML 8Page - NXP Semiconductors 74HC3G06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2003 Dec 02
2
Philips Semiconductors
Product specification
Inverter with open-drain outputs
74HC3G06; 74HCT3G06
FEATURES
• Wide supply voltage range from 2.0 to 6.0 V
• High noise immunity
• Low power dissipation
• SOT505-2 and SOT765-1 package
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74HC3G06/74HCT3G06 is a high-speed Si-gate
CMOS device. Specified in compliance with JEDEC
standard no. 7A.
The 74HC3G06/74HCT3G06 provides three inverting
buffers.
The outputs of the 74HC3G06; 74HCT3G06 devices are
open drains and can be connected to other open-drain
outputs to implement active-LOW wired-OR or
active-HIGH wired-AND functions. For digital operation
this device must have a pull-up resistor to establish a logic
HIGH-level.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 6.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. For 74HC3G06 the condition is VI = GND to VCC.
For 74HCT3G06 the condition is VI = GND to VCC − 1.5 V.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC3G
HCT3G
tPZL
propagation delay nA to nY
CL = 50 pF; VCC = 4.5 V
9
9
ns
tPLZ
propagation delay nA to nY
CL = 50 pF; VCC = 4.5 V
1112ns
CI
input capacitance
1.5
1.5
pF
CPD
power dissipation capacitance per buffer
notes 1 and 2
4
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com