Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS58 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # FSS58
Description  Singleturn absolute encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FSS58 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  FSS58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FSS58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FSS58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FSS58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. FSS58 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Singleturn absolute encoder
FSS58
3
Electrical connection
Signal
Cable Ø9 mm, 24-core
Connector 9424, 19-pin
Explanation
GND (rotary encoder)
White
6
Power supply
Ub (rotary encoder)
Brown
12
Power supply
Data bit 1
Green
1
Data output
Data bit 2
Yellow
2
Data output
Data bit 3
Grey
3
Data output
Data bit 4
Pink
4
Data output
Data bit 5
Blue
5
Data output
Data bit 6
Red
7
Data output
Data bit 7
Black
8
Data output
Data bit 8
Violet
9
Data output
Data bit 9
Grey/Pink
10
Data output
Data bit 10
Red/Blue
11
Data output
Data bit 11
White/Green
13
Data output
Data bit 12
Brown/Green
14
Data output
Data bit 13
White/Yellow
15
Data output
White/Grey
-
Reserved
Grey/Brown
19
Reserved
V/R
White/Pink
16
Input for selection of counting direction
LATCH
Pink/Brown
17
Temporary storage input
White/Blue
-
Reserved
PRESET
Brown/Blue
18
Zero setting input
White/Red
-
Reserved
Brown/Red
-
Reserved
113
17 10 19 9
2 3 4
8 16
14 5
7
18
11
15
6
12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com