Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P521-23OC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P521-23OC-R
Description  Low Phase Noise PECL VCXO (100MHz to 200MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P521-23OC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  P521-23OC-R Datasheet HTML 1Page - PhaseLink Corporation P521-23OC-R Datasheet HTML 2Page - PhaseLink Corporation P521-23OC-R Datasheet HTML 3Page - PhaseLink Corporation P521-23OC-R Datasheet HTML 4Page - PhaseLink Corporation P521-23OC-R Datasheet HTML 5Page - PhaseLink Corporation P521-23OC-R Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P521-23
Low Phase Noise PECL VCXO (100MHz to 200MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 [www.phaselink.com]
Rev 7/28/04 Page 2
PAD ASSIGNMENT AND DESCRIPTION
Pin #
Name
Description
1
OSCOFFSEL
Oscillator Off Selection input pad. When low, turns off the oscillator when output is disabled.
When high (default), oscillator running when output is disabled.
Internal pull-up
2
GNDOSC
GND connection for oscillator circuitry.
3
VCON
Control Voltage input. Use this pin to change the output frequency by varying the applied
Control Voltage.
4
XIN
Crystal oscillator input pin.
5
XOUT
Crystal oscillator output pin.
6
OECTRL
OE input pad. See table on page 1.
7
DNC
Do Not Connect.
8
GND
Ground connection.
9
GND
Ground connection.
10
Q
PECL Output.
11
QBAR
PECL complementary output.
12
VDDBUF
VDD connection for output buffer circuitry.
VDDBUF should be separately decoupled from other VDDs whenever possible.
13
VDDANA
VDD connection for analog circuitry.
VDDANA should be separately decoupled from other VDDs whenever possible.
14
OESEL
Selector input to choose the OE control logic. See table on page 1.
15
BUFZSEL
Output impedance selector
16
VDDOSC
VDD connection for oscillator circuitry.
VDDOSC should be separately decoupled from other VDDs whenever possible.


Similar Part No. - P521-23OC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-23DC PLL-P521-23DC Datasheet
198Kb / 7P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
More results

Similar Description - P521-23OC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-28 PLL-P521-28 Datasheet
110Kb / 6P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-29 PLL-P521-29 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (100MHz to 200MHz)
PLL521-23 PLL-PLL521-23 Datasheet
198Kb / 7P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
PLL502-11 PLL-PLL502-11 Datasheet
106Kb / 6P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
Low Phase Noise VCXO (48MHz to 100MHz)
PLL502-04 PLL-PLL502-04 Datasheet
180Kb / 4P
Low Phase Noise VCXO (96MHz to 200MHz)
logo
Micrel Semiconductor
PL502-03 MICREL-PL502-03 Datasheet
304Kb / 5P
Low Phase Noise VCXO (48MHz to 100MHz)
logo
Abracon Corporation
ABV0203 ABRACON-ABV0203 Datasheet
56Kb / 4P
Low Phase Noise VCXO (48MHz to 100MHz)
03/11/05
ABV0204 ABRACON-ABV0204 Datasheet
56Kb / 4P
Low Phase Noise VCXO (96MHz to 200MHz)
03/21/05
ABV0211 ABRACON-ABV0211 Datasheet
84Kb / 5P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystals)
03/21/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com