Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C14405-40JC Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS4C14405-40JC
Description  1M-bit 횞 4 CMOS DRAM (Fast page mode or EDO)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C14405-40JC Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS4C14405-40JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C14405-40JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C14405-40JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C14405-40JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C14405-40JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C14405-40JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C14405-40JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C14405-40JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C14405-40JC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
®
AS4C14400
4
AC parameters common to all waveforms
Shaded areas contain advance information.
Read cycle
Shaded areas contain advance information.
Symbol
Parameter
-40
-50
-60
-70
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
tRC
Random read or write cycle time
70
–
90
–110
–
130
–
ns
tRP
RAS precharge time
20
–
30
–40
–
50
–
ns
tRAS
RAS pulse width
40
10K
50
10K
60
10K
70
10K
ns
tCAS
CAS pulse width
10
–
13
–15
–
18
–
ns
tRCD
RAS to CAS delay time
18
30
20
37
20
45
20
52
ns
6
tRAD
RAS to column address delay time
13
20
15
25
15
30
15
35
ns
7
tRSH(R)
CAS to RAS hold time (read)
10
–
13
–15
–
18
–
ns
tCSH
RAS to CAS hold time
40
–
50
–60
–
70
–
ns
tCRP
CAS to RAS precharge time
0
–
0
–0
–0–
ns
tASR
Row address setup time
0
–
0
–0
–0–
ns
tRAH
Row address hold time
8
–
10
–10
–
10
–
ns
tT
Transition time (rise and fall)
2
50
2
50
2
50
2
50
ns
4,5
tREF
Refresh period
–
16
–
16
–
16
–
16
ms
3
tCLZ
CAS to output in low Z
0
–
0
–0
–0–
ns
8
Symbol
Parameter
-40
-50
-60
-70
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
tRAC
Access time from RAS
–
40
–
50
–
60
–
70
ns
6
tCAC
Access time from CAS
–
10
–
13
–
15
–
18
ns
6,13
tAA
Access time from address
–
20
–
25
–
30
–
35
ns
7,13
tAR(R)
Column add hold from RAS
30
–
40
–45–55
–
ns
tRCS
Read command setup time
0
–
0
–0–0–
ns
tRCH
Read command hold time to CAS
0
–
0
–0–0–
ns
9
tRRH
Read command hold time to RAS
0
–
0
–0–0–
ns
9
tRAL
Column address to RAS lead time
20
–
25
–30–35
–
ns
tCPN
CAS precharge time
5
–
10
–10–10
–
ns
tODS
Output disable setup time
0
–
0
–0–0–
ns
tOFF
Output buffer turn-off time
0
10
0
13
0
15
0
18
ns
8,10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com