Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND9068D Datasheet(PDF) 2 Page - ON Semiconductor

Part # AND9068D
Description  Reading ON Semiconductor IGBT Datasheets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND9068D Datasheet(HTML) 2 Page - ON Semiconductor

  AND9068D Datasheet HTML 1Page - ON Semiconductor AND9068D Datasheet HTML 2Page - ON Semiconductor AND9068D Datasheet HTML 3Page - ON Semiconductor AND9068D Datasheet HTML 4Page - ON Semiconductor AND9068D Datasheet HTML 5Page - ON Semiconductor AND9068D Datasheet HTML 6Page - ON Semiconductor AND9068D Datasheet HTML 7Page - ON Semiconductor AND9068D Datasheet HTML 8Page - ON Semiconductor AND9068D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. 0
1
Publication Order Number:
AND9068/D
AND9068/D
Reading ON Semiconductor
IGBT Datasheets
Abstract
The Insulated Gate Bipolar Transistor is a power switch
well suited for high power applications such as motor
control, UPS and solar inverters, and induction heating. If
the application requirements are well understood, the
correct IGBT can easily be selected from the electrical
properties provided in the manufacturers’ datasheet. This
application note describes the electrical parameters
provided in the ON Semiconductor IGBT datasheet.
Part Number
The part numbering convention for ON Semiconductor
IGBTs is shown in Figure 1. Many of the device ratings and
details are described in the part number and can be
understood using this code.
Figure 1. ON Semiconductor IGBT Part Numbering
Key
Brief
This section provides a description of the device and lists
its key features and typical applications.
Table 1. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−emitter voltage
VCES
600
V
Collector current
@ TC = 25°C
@ TC = 100°C
IC
30
15
A
Pulsed collector current,
Tpulse limited by TJmax
ICM
60
A
Diode forward current
@ TC = 25°C
@ TC = 100°C
IF
30
15
A
Diode pulsed current, Tpulse
limited by TJmax
IFM
60
A
Gate−emitter voltage
VGE
$20
V
Power dissipation
@ TC = 25°C
@ TC = 100°C
PD
130
55
W
Short circuit withstand time
VGE = 15 V, VCE = 400 V, TJ
v +150°C
tSC
10
ms
Operating junction temperat-
ure range
TJ
−55 to
+150
°C
Storage temperature range
Tstg
−55 to
+150
°C
Lead temperature for solder-
ing, 1/8” from case for
5 seconds
TSLD
260
°C
Stresses exceeding Maximum Ratings may damage the device.
Maximum Ratings are stress ratings only. Functional operation
above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Oper-
ating Conditions may affect device reliability.
Absolute Maximum Ratings
The absolute maximum ratings shown in Table 1 are
typical for an IGBT. This table sets the limits, both electrical
http://onsemi.com
APPLICATION NOTE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com