Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL560-08 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PL560-08
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL560-08 Datasheet(HTML) 4 Page - PhaseLink Corporation

  PL560-08 Datasheet HTML 1Page - PhaseLink Corporation PL560-08 Datasheet HTML 2Page - PhaseLink Corporation PL560-08 Datasheet HTML 3Page - PhaseLink Corporation PL560-08 Datasheet HTML 4Page - PhaseLink Corporation PL560-08 Datasheet HTML 5Page - PhaseLink Corporation PL560-08 Datasheet HTML 6Page - PhaseLink Corporation PL560-08 Datasheet HTML 7Page - PhaseLink Corporation PL560-08 Datasheet HTML 8Page - PhaseLink Corporation PL560-08 Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Analog Frequency Multiplier
VCXO Family of Products
47745 Fremont Blvd., Fremont, CA 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev.:03-22-05 Page 4
CRYSTAL SPECIFICATIONS AND BOARD LAYOUT CONSIDERATIONS
BOARD LAYOUT CONSIDERATIONS
To minimize parasitic effects, and improve performance:
•
Place the crystal as close as possible to the IC.
•
Make the board traces that are connected to the crystal pins symmetrical.
•
The board trace symmetry is important, as it reduces the negative parasitic effects, for a clean frequency multiplication with low
jitter. Parasitic have negative effect on frequency pulling of a VCXO and jitter.
CRYSTAL SPECIFICATIONS & TUNING PERFORMANCE
CRYSTAL SPECIFICATIONS
TUNING PERFORMANCE
CL (xtal)
ESR
(RE)
CRYSTAL
TUNING (Typical)
PART
NUMBER
CRYSTAL
RESONATOR
FREQUENCY
(FXIN)
MOD
E
CONDI-
TIONS
TYP.
Max.
CRYSTAL
FREQ
(MHz)
C0
C1
C0/C1
VC:
1.65V
0V
VC:
1.65V
3.4V
155.52
3.0pF
12.2fF
245
-145 ppm
+108 ppm
PL560-08/09
PL560-68/69
75~200MHz
Funda-
mental
At
Vcon
=
1.65V
5pF
30
Ω
155.52
1.8pF
5.7fF
316
-134 ppm
+87 ppm
30.72
2.8pF
12.4fF
228
-167ppm
+176ppm
30.72
4.5pF
19.1fF
236
-163ppm
+167ppm
38.88
5.1pF
20.9fF
242
-131ppm
+98ppm
38.88
5.3pF
25.6fF
207
-157ppm
+141ppm
PL560-
37/38/39
PL560-
47/48/49
30~80MHz
Funda-
mental
At
Vcon
=
1.65V
5pF
30
Ω
77.76
2.0pF
6.7fF
305
-92ppm
+110ppm
Note: Non specified parameters can be chosen as standard values from crystal suppliers.
CL ratings larger than 5pF require a crystal frequency adjustment. Request detailed crystal specifications from PhaseLink.
XTA
XTAL
Ceramic
SMD
AFM IC
XIN (Pin # 4)
XOUT (Pin # 5)
AFM IC
XIN (Pin # 4)
XOUT (Pin # 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com