Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1925
Description  Free Download of 1-Wire Drivers and OneWireViewer Demonstration Software
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1925 Datasheet HTML 1Page - Maxim Integrated Products DS1925 Datasheet HTML 2Page - Maxim Integrated Products DS1925 Datasheet HTML 3Page - Maxim Integrated Products DS1925 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: DS1925
DS1925 Evaluation Kit
Quick Start
To download the 1-Wire drivers software package, visit
the
1-Wire Drivers page and click the button that takes
you to the
Download Page. Select the applicable ver-
sion of the Windows operating system and select the file
that corresponds to your PC’s configuration (e.g., 32-bit
1-Wire drivers or 64-bit 1-Wire drivers) and then click the
Download button. The web page provides assistance
on how to detect whether your PC runs a 32-bit or 64-bit
operating system.
1) Double click on the file you just downloaded
(
install_1_wire_drivers_x64_v405.msi or newer).
2) Select
Run when prompted with the question “Do
you want to run or save this file?”
3) The welcome setup wizard box opens for the One-
WireDrivers Setup. Click the
Next button.
4) Read and check the box if you accept the license
agreement. Click
Next.
5) Leave the destination folder to default and click
Next.
6) Make sure DS9490R is unplugged and click
Install.
If asked the question “Would you like to install this
device software?” click
Install.
7) Click the
Finish button to exit the Setup Wizard.
8) After running the 1-Wire installation wizard, make
sure internet is available and plug the DS9490R USB
adapter in to a free USB port in your PC.
9) Plug the RJ-11 Modular connector of the DS1402D-
DR8 Blue Dot Receptor into the DS9490R USB
adapter.
10) Optionally snap the iButton into the key fob. This
makes easier removal of the iButton from the Blue
Dot Receptor.
Note: For easier installation, place the
key fob in warm water prior to inserting the iButton.
The warm moisture helps the key fob slide on easier
to the iButton.
11) Go to the Start menu under
All Programs and select
the folder 1-Wire Drivers x64. Select the
Default
1-Wire Net.exe program. When the program window
appears click on
Auto Detect. The program finds
which USB port the DS9490R occupies. If prompted
by another window, click
Yes to set as the new de-
fault port. Exit the program.
12) Go to the
Start menu and click on OneWireViewer.
exe icon. This application can also be found under
the Start menu folder ‘‘1-Wire Drivers x64’’ that was
used previously.
13) Snap the iButton (optionally with key fob) into the
Blue Dot Receptor to display its address. Click on
the address to access screens that show all the
functions of each iButton. Then follow the instruc-
tions for missioning and reading the contents of a
Thermochron.
For more details on using the OneWireViewer, see
Application Note 4373: OneWireViewer and iButton Quick
Start Guide and Application Note 3358: OneWireViewer
User’s Guide
Detailed Description of Software
For developing applications for the DS1925 Thermochron,
Maxim offers three software development kits (SDKs):
1-Wire API for Java (OWAPI support). This is the foun-
dation for developing robust 1-Wire and iButton software
on platforms that have a Java Virtual Machine. It includes
the above-mentioned OneWireViewer utility and its Java
source code. In other words, this provides support for the
1-Wire link primitives, 1-Wire network, transport memory
byte read/write, transport memory packet read/write and
the 1-Wire files structure, which is the full list of support
for DS1925. Download here:
https://www.maximintegrated.com/en/products/ibut-
ton/software/1wire/1wire_api.cfm
1-Wire SDK for Windows (TMEX support). This SDK
is aimed primarily at PC host environments running
Microsoft Windows. This provides support for only the
1-Wire link primitives and the 1-Wire network of DS1925.
Download here:
https://www.maximintegrated.com/en/products/ibut-
ton/software/windowsdk/index.cfm
1-Wire Public Domain Kit. This SDK is aimed as a
cross-platform API. This provides support for only the
1-Wire link primitives and the 1-Wire network of DS1925.
Download here:
http://www.maximintegrated.com/en/products/ibut-
ton/software/1wire/wirekit.cfm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com