Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL580-37 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PL580-37
Description  38MHz-320MHz Low Phase Noise VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL580-37 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PL580-37 Datasheet HTML 1Page - PhaseLink Corporation PL580-37 Datasheet HTML 2Page - PhaseLink Corporation PL580-37 Datasheet HTML 3Page - PhaseLink Corporation PL580-37 Datasheet HTML 4Page - PhaseLink Corporation PL580-37 Datasheet HTML 5Page - PhaseLink Corporation PL580-37 Datasheet HTML 6Page - PhaseLink Corporation PL580-37 Datasheet HTML 7Page - PhaseLink Corporation PL580-37 Datasheet HTML 8Page - PhaseLink Corporation PL580-37 Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
(Preliminary)
PL580-37/38/39
38MHz-320MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/29/05 Page 2
OUTPUT ENABLE LOGICAL LEVELS
Part #
OE
State
0 (Default)
Output enabled
PLL580-38 (PECL)
1
Tri-state
0
Tri-state
PLL580-37 & 39 (CMOS or LVDS)
1 (Default)
Output enabled
PIN DESCRIPTIONS
Name
TSSOP
Pin number
3x3mm QFN
Pin number
Type
Description
VDDANA
1
11
P
VDD for analog Circuitry.
XIN
2
12
I
Crystal input pin. (See Crystal Specifications on page 4).
XOUT
3
13
O
Crystal output pin. (See Crystal Specifications on page 4).
SEL2
4
14
I
Output frequency Selector pin.
OE_CTRL
5
15
I
Output enable control pin. (See OE_CTRL Logic Levels).
VCON
6
16
I
Voltage control input.
GNDANA
7
1
P
Ground for analog circuitry.
LP
8
2
-
LM
9
3
-
Tuning inductor connection. The inductor is recommended to be
a high Q small size 0402 or 0603 SMD component, and must be
placed between LP and adjacent LM pin. Place inductor as close
to the IC as possible to minimize parasitic effects and to
maintain inductor Q.
GNDBUF
10
4
P
GND connection for output buffer circuitry.
Q
11
5
O
PECL or LVDS output.
VDDBUF
12
6
P
VDD connection for output buffer circuitry. VDDBUF should be
separately decoupled from other VDDs whenever possible.
QBAR
13
7
O
Complementary PECL, LVDS, Or single ended CMOS output.
GNDBUF
14
8
P
GND connection for output buffer circuitry.
SEL1
15
9
I
Output frequency Selector pin.
SEL0
16
10
I
Output frequency Selector pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com