Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL580-68QC-R Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PL580-68QC-R
Description  320-640MHz Low Phase Noise VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL580-68QC-R Datasheet(HTML) 5 Page - PhaseLink Corporation

  PL580-68QC-R Datasheet HTML 1Page - PhaseLink Corporation PL580-68QC-R Datasheet HTML 2Page - PhaseLink Corporation PL580-68QC-R Datasheet HTML 3Page - PhaseLink Corporation PL580-68QC-R Datasheet HTML 4Page - PhaseLink Corporation PL580-68QC-R Datasheet HTML 5Page - PhaseLink Corporation PL580-68QC-R Datasheet HTML 6Page - PhaseLink Corporation PL580-68QC-R Datasheet HTML 7Page - PhaseLink Corporation PL580-68QC-R Datasheet HTML 8Page - PhaseLink Corporation PL580-68QC-R Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
(Preliminary)
PL580-68/69
320-640MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 5
4. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current,
Dynamic (with
Loaded Outputs)
IDD
PECL/LVDS
320MHz<Fout<640MHz
90/70
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock
Duty Cycle
@ 50% VDD (CMOS)
@ 1.25V (LVDS)
@ VDD – 1.3V (PECL)
45
45
45
50
50
50
55
55
55
%
Short Circuit
Current
±50
mA
5. Jitter Specifications
PARAMETERS
CONDITIONS
FREQUENCY
MIN.
TYP.
MAX.
UNITS
320.0MHz
0.4
0.5
Integrated jitter RMS
Integrated 12 kHz to 20 MHz
622.08MHz
0.4
0.6
ps
320.0MHz
3
5
Period jitter RMS
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
622.08MHz
6
8
ps
320.0MHz
25
30
Period jitter Peak-to-
Peak
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
622.08MHz
40
50
ps
6. Phase Noise Specifications
PARAMETERS
FREQ.
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
@1M
@10M
UNITS
320.0MHz
-59
-86
-116
-129
-124
-140
-148
Phase Noise2
relative to
carrier (typical)
622.08MHz
-48
-80
-108
-118
-114
-131
-138
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com