Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL580-68QCL-R Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PL580-68QCL-R
Description  320-640MHz Low Phase Noise VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL580-68QCL-R Datasheet(HTML) 3 Page - PhaseLink Corporation

  PL580-68QCL-R Datasheet HTML 1Page - PhaseLink Corporation PL580-68QCL-R Datasheet HTML 2Page - PhaseLink Corporation PL580-68QCL-R Datasheet HTML 3Page - PhaseLink Corporation PL580-68QCL-R Datasheet HTML 4Page - PhaseLink Corporation PL580-68QCL-R Datasheet HTML 5Page - PhaseLink Corporation PL580-68QCL-R Datasheet HTML 6Page - PhaseLink Corporation PL580-68QCL-R Datasheet HTML 7Page - PhaseLink Corporation PL580-68QCL-R Datasheet HTML 8Page - PhaseLink Corporation PL580-68QCL-R Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(Preliminary)
PL580-68/69
320-640MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 3
FREQUENCY SELECTION TABLE
SEL2
SEL1
SEL0
Selected Multiplier/Output Frequency
0
0
0
VCO Max*
0
0
1
VCO Min*
1
1
1
Fin x 16
All Other Combinations
Reserved
All SEL pads have internal pull-ups (default value is ‘1’). Bond to GND to set to 0.
* Special Test Modes to help selecting the inductor value for the target output frequency.
PERFORMANCE TUNING & INDUCTOR VALUE SELECTION
Please refer to PhaseLink’s ‘PhasorV Tuning Assistance’ software to automatically calculate the optimum inductor
values for your application. In addition, the chart below could be used as a reference for quick inductor value
selection. Please note that the inductor values mentioned in the table below, or when using ‘PhasorV Tuning
Assistance’ are derived based on the parasitic values of PhaseLink’s evaluation board. For performance
enhancement of your custom board design, please follow the following instruction:
Use the special test modes “VCO Max” and “VCO Min” to determine the optimum inductor value. “VCO Max”
represents the high end of the VCO range and “VCO Min” represents the low end of the VCO range. The output
frequency in the “VCO Max” and “VCO Min” test modes is VCO/16. This means that the output frequencies are
around the crystal frequency that will be used. The optimum inductor value is where the target crystal frequency
is closest to the middle between the “VCO Max” and “VCO Min” output frequencies. In this case the VCO will lock
in the middle of its tuning range with maximum margin on either side.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com