Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL623-38 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PL623-38
Description  Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL623-38 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PL623-38 Datasheet HTML 1Page - PhaseLink Corporation PL623-38 Datasheet HTML 2Page - PhaseLink Corporation PL623-38 Datasheet HTML 3Page - PhaseLink Corporation PL623-38 Datasheet HTML 4Page - PhaseLink Corporation PL623-38 Datasheet HTML 5Page - PhaseLink Corporation PL623-38 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
PL623-38
Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com Rev 05/03/05 Page 2
DIE PAD ASSIGNMENT
Pad #
Name
X (
µm)
Y (
µm)
Pad Description
1
GNDOSC
329.6
110.1
GND connection for oscillator circuitry.
2
GNDOSC
498.3
110.0
GND connection for oscillator circuitry.
3
GNDANA
696.2
110.0
GND connection for analog circuitry.
4
GNDSHIELD
825.0
110.0
GND shielding connection.
5
GNDSHIELD
973.6
110.0
GND shielding connection.
6
GNDBUF
1150.0
109.1
GND connection for output buffer circuitry.
7
GNDBUF
1183.6
302.2
GND connection for output buffer circuitry.
8
Q
1183.6
452.3
PECL output.
9
QBAR
1183.6
613.5
Complementary PECL output.
10
VDDBUF
1182.4
745.9
VDD connection for output buffer circuitry. VDDBUF should be
separately decoupled from other VDDs whenever possible.
11
VDDBUF
1252.4
903.6
VDD connection for output buffer circuitry. VDDBUF should be
separately decoupled from other VDDs whenever possible.
12
OESEL
1252.4
1081.3
This is the selector input to choose the OE control logic to be
applied, as presented on the OE SELECTION TABLE on page ‘1’.
13
VDDBUF
1058.5
1221.6
VDD connection for output buffer circuitry.
VDDBUF should be separately decoupled from other VDDs
whenever possible.
14
VDDANA
864.5
1221.6
VDD connection for analog circuitry. VDDANA should be
separately decoupled from other VDDs whenever possible.
15
VDDOSC
624.0
1222.7
VDD connection for oscillator circuitry. VDDOSC should be
separately decoupled from other VDDs whenever possible.
16
SEL1
467.1
1222.6
Output Divider Selector pin as presented on the DIVIDER
SELECTOR TABLE on page ‘1’.
17
SEL0
271.1
1222.6
Output Divider Selector pin as presented on the DIVIDER
SELECTOR TABLE on page ‘1’.
18
GNDOSC
109.4
1222.9
GND connection for oscillator circuitry.
19
OECTRL
108.9
1062.1
Output Enable input pad. See OE SELECTION TABLE on page 1.
20
XIN
109.0
865.8
Crystal connector pad. This pad is the input of the crystal
oscillator circuitry. The crystal should be mounted as close to the
IC as possible, with minimum parasitic capacitance.
21
XOUT
108.6
358.4
Crystal connector pad. This pad is the input of the crystal
oscillator circuitry. The crystal should be mounted as close to the
IC as possible, with minimum parasitic capacitance.
22
OECTRL
108.6
146.5
Output Enable input pad. See OE SELECTION TABLE on page 1.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com