Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83L34 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT83L34
Description  QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L34 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT83L34 Datasheet HTML 17Page - Exar Corporation XRT83L34 Datasheet HTML 18Page - Exar Corporation XRT83L34 Datasheet HTML 19Page - Exar Corporation XRT83L34 Datasheet HTML 20Page - Exar Corporation XRT83L34 Datasheet HTML 21Page - Exar Corporation XRT83L34 Datasheet HTML 22Page - Exar Corporation XRT83L34 Datasheet HTML 23Page - Exar Corporation XRT83L34 Datasheet HTML 24Page - Exar Corporation XRT83L34 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
XRT83L34
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.3.4
PRELIMINARY
18
POWER AND GROUND
SIGNAL NAME
PIN #TYPE
DESCRIPTION
TGND_0
TGND_1
TGND_2
TGND_3
12
20
83
91
****
Transmitter Analog Ground for Channel _0
Transmitter Analog Ground for Channel _1
Transmitter Analog Ground for Channel _2
Transmitter Analog Ground for Channel _3
TVDD_0
TVDD_1
TVDD_2
TVDD_3
14
18
85
89
****
Transmitter Analog Positive Supply (3.3V + 5%) for Channel _0
Transmitter Analog Positive Supply (3.3V + 5%) for Channel _1
Transmitter Analog Positive Supply (3.3V + 5%) for Channel _2
Transmitter Analog Positive Supply (3.3V + 5%) for Channel _3
RVDD_0
RVDD_1
RVDD_2
RVDD_3
8
24
79
95
****
Receiver Analog Positive Supply (3.3V± 5%) for Channel _0
Receiver Analog Positive Supply (3.3V± 5%) for Channel _1
Receiver Analog Positive Supply (3.3V± 5%) for Channel _2
Receiver Analog Positive Supply (3.3V± 5%) for Channel _3
RGND_0
RGND_1
RGND_2
RGND_3
11
21
82
92
****
Receiver Analog Ground for Channel _0
Receiver Analog Ground for Channel _1
Receiver Analog Ground for Channel _2
Receiver Analog Ground for Channel _3
VDDPLL_1
VDDPLL_2
AVDD
30
31
40
****
Analog Positive Supply for Master Clock Synthesizer PLL (3.3V± 5%)
Analog Positive Supply for Master Clock Synthesizer PLL (3.3V± 5%)
Analog Positive Supply (3.3V± 5%)
GNDPLL_1
GNDPLL_2
AGND
34
35
41
****
Analog Ground for Master Clock Synthesizer PLL
Analog Ground for Master Clock Synthesizer PLL
Analog Ground
DVDD
DVDD
DVDD
DVDD
DVDD
DVDD
29
51
52
53
115
116
****
Digital Positive Supply (3.3V± 5%)
Digital Positive Supply (3.3V± 5%)
Digital Positive Supply (3.3V± 5%)
Digital Positive Supply (3.3V± 5%)
Digital Positive Supply (3.3V± 5%)
Digital Positive Supply (3.3V± 5%)
DGND
DGND
DGND
DGND
GND
DGND
DGND
54
55
56
74
114
117
118
****
Digital Ground
Digital Ground
Digital Ground
Digital Ground
Ground
Digital Ground
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com