Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC16MODULE-DIP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # 68HC16MODULE-DIP
Description  Fully Assembled and Tested
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

68HC16MODULE-DIP Datasheet(HTML) 2 Page - Maxim Integrated Products

  68HC16MODULE-DIP Datasheet HTML 1Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 2Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 3Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 4Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 5Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 6Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 7Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAX1162 Evaluation System/Evaluation Kit
2
_______________________________________________________________________________________
Quick Start
Recommended Equipment—USB Port PC
Connection Option
Before you begin, the following equipment is needed:
•
MAX1162EVC16
(MAX1162EVKIT
board,
68HC16MODULE-DIP, and USBTO232)
•
Three DC power supplies: 8V to 20V, 5V, and -5V
•
External reference: +4.096V
•
Analog signal source: 0 to +4.096V
•
A PC running Windows 2000/XP with an available
standard USB port to connect to the USBTO232
•
USB cable included with the USBTO232
Procedure
Caution: Do not turn on the power until all the con-
nections are completed.
1) Visit the Maxim website (www.maxim-ic.com) to
download the latest version of the USBTO232 User
Guide. Follow the steps in the USBTO232 User
Guide Quick Start section and return to step 2 of
this Quick Start section when finished.
2) Carefully connect the boards by aligning the 40-pin
connector of the MAX1162 EV kit with the 40-pin
header of the 68HC16MODULE-DIP module. Gently
press them together. The two boards should be
flush against one another.
3) Ensure that the 68HC16MODULE-DIP module’s
SW1 switch is in the OFF position.
4) Connect the 8V to 20V power supply to the
68HC16MODULE-DIP module’s terminal block (J2)
located next to SW1. Observe the polarity marked
on the board.
5) Connect the 5V power supply to the VDD pad (with
respect to the GND pad) on the MAX1162 EV kit
board.
6) Connect the -5V power supply to the VEE pad (with
respect to the GND pad) on the MAX1162 EV kit
board.
7) Apply a 4.096V reference voltage to the MAX1162
EV kit’s terminal block (TB0) located in the upper-
left corner of the MAX1162 EV kit board. Observe
the polarity marked on the board.
8) Connect the USBTO232 board to the 68HC16MOD-
ULE-DIP module if you have not done so already.
9) The MAX1162 EV kit software should have already
been downloaded and installed in the USBTO232
Quick Start.
10) Start the MAX1162 program by opening its icon in
the Start | Programs menu.
11) Turn on all power supplies and enable the refer-
ence voltage. Slide SW1 to the ON position on the
68HC16MODULE-DIP module. Press the OK button
to automatically connect and download the
KIT1162.C16 file to the module.
12) Apply an input signal (0V to VREF) between AIN
and GND. Observe the readout on the running
Windows program.
Recommended Equipment—RS-232/COM
Port PC Connection Option
Before you begin, the following equipment is needed:
•
MAX1162EVC16 (MAX1162EVKIT board and
68HC16MODULE-DIP)
•
Three DC power supplies: 8V to 20V, 5V, and -5V
•
External reference: +4.096V
•
Analog signal source: 0 to +4.096V
•
A PC running Windows 98/2000/XP with an avail-
able standard serial port, preferably a 9-pin plug
•
A standard serial cable to connect the PC’s standard
serial port to the 68HC16MODULE-DIP module
Procedure
Caution: Do not turn on the power until all the con-
nections are completed.
1) Visit the Maxim website (www.maxim-ic.com/evkit-
software) to download the latest version of the EV kit
software. Save the EV kit software to a temporary
folder and uncompress the file (if it is a .zip file).
Component Suppliers
SUPPLIER
PHONE
WEBSITE
Fairchild Semiconductor
888-522-5372
www.fairchildsemi.com
TDK Corp.
847-803-6100
www.component.tdk.com
Note: Indicate that you are using the MAX1162 when contacting these component suppliers.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com