Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBTO232+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # USBTO232+
Description  Convenient Test Points Provided On-Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USBTO232+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  USBTO232+ Datasheet HTML 1Page - Maxim Integrated Products USBTO232+ Datasheet HTML 2Page - Maxim Integrated Products USBTO232+ Datasheet HTML 3Page - Maxim Integrated Products USBTO232+ Datasheet HTML 4Page - Maxim Integrated Products USBTO232+ Datasheet HTML 5Page - Maxim Integrated Products USBTO232+ Datasheet HTML 6Page - Maxim Integrated Products USBTO232+ Datasheet HTML 7Page - Maxim Integrated Products USBTO232+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
U1
_____MAX1110 Stand-Alone EV Kit
The MAX1110 EV kit provides a proven PC board lay-
out to facilitate evaluation of the MAX1110. It must be
interfaced to appropriate timing signals for proper
operation. Refer to the MAX1110 data sheet for timing
requirements. Apply your supply voltage between the
VDD pad and the GND pad. Refer to Table 1 for jumper
configurations.
______________MAX1110 EV System
The MAX1110 EV system operates from a user-sup-
plied 9V to 15V DC power supply. The Maxim 68L11D
3V µC board uses a MAX667 linear regulator to gener-
ate the 3V logic supply.
Quick Start
1) Install the MAX1110 EV kit software on your comput-
er by running the INSTALL.EXE program on the flop-
py disk. The program files are copied and icons are
created for them in the Windows 3.1 Program
Manager (or the Windows 95 Start Menu).
2) Check the jumper settings on the MAX1110 EV kit
board. Refer to Table 1,
Jumper Functions, and
Table 2,
Default Jumper Settings.
3) Carefully connect the boards by aligning the 40-pin
header of the MAX1110 EV kit with the 40-pin con-
nector of the µC module. Gently press them togeth-
er. The two boards should be flush against one
another.
_______________General Description
The MAX1110 evaluation system (EV system) is a com-
plete, 8-channel data-acquisition system consisting of a
MAX1110 evaluation kit (EV kit) and a Maxim 3V 68L11D
microcontroller (µC) module. It is designed to evaluate
the MAX1110, a low-power, +3V, 8-channel, 8-bit ana-
log-to-digital converter (ADC) with an internal 2.048V ref-
erence that directly interfaces to 3V microprocessors.
Windows 3.1®/Windows 95® software provides a handy
user interface to exercise the MAX1110’s features.
The EV system is intended for comprehensive evalua-
tion of the MAX1110 using a personal computer. Order
the stand-alone EV kit if the 68L11D µC module has
already been purchased with a previous Maxim EV sys-
tem, or for custom use in other µC-based systems.
The MAX1110 EV kit and EV system can also be used to
evaluate the MAX1112, which operates on +5V and has
a 4.096V internal reference. Simply order a free sample
of the MAX1112CPP along with the MAX1110 EV kit.
____________________________Features
o Proven PC Board Layout
o Complete Evaluation System Samples to 5ksps
o Convenient Test Points Provided on Board
o Data-Logging Software
o Fully Assembled and Tested
MAX1110 Evaluation System/
Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-1201; Rev 0; 3/97
PART
TEMP. RANGE
BOARD TYPE
MAX1110EVKIT-DIP
0°C to +70°C
Surface Mount
QTY
DESCRIPTION
MAX1110EVKIT-DIP
1
MAX1110 evaluation kit
68L11DMODULE
1
68L11D µC module
PART
MAX1110 EV System
____________________Component List
MAX1110 EV Kit
____________________Component List
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX1110EVL11-DIP
0°C to +70°C
Surface Mount
DESIGNATION QTY
DESCRIPTION
C1–C8
8
0.01µF ceramic capacitors
C9, C11
2
4.7µF, 10V tantalum capacitors
C10
1
0.1µF ceramic capacitor
J1
1
2x20 right-angle socket
J2
1
8-pin header
JU1, JU2, JU3
3
2-pin jumper blocks
JU4
1
3-pin jumper block
JU5
0
Open
R1–R8
8
10k
Ω, 5% resistors
R9
1
10
Ω, 5% resistor
1
Maxim MAX1110CPP
U1
1
20-pin socket
None
1
PC board
None
1
Software disk,
“MAX1110 EVALUATION KIT”
Windows is a registered trademark of Microsoft Corp.
6811D MODULE
AVAILABLE


Similar Part No. - USBTO232+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
USBTO232+ MAXIM-USBTO232+ Datasheet
232Kb / 8P
Fully Assembled and Tested
Rev 1; 12/06
USBTO232+ MAXIM-USBTO232+ Datasheet
235Kb / 8P
Convenient Test Points Provided On-Board
Rev 1; 12/06
More results

Similar Description - USBTO232+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1473EVKIT MAXIM-MAX1473EVKIT Datasheet
294Kb / 6P
Multiple Test Points Provided On-Board
Rev 1; 5/05
DS2488EVKIT MAXIM-DS2488EVKIT Datasheet
1Mb / 11P
Convenient On-Board Test Points
Rev 0; 9/20
MAX1132EVC16 MAXIM-MAX1132EVC16 Datasheet
235Kb / 8P
Convenient Test Points Provided On-Board
Rev 1; 12/06
MAX197EVKIT MAXIM-MAX197EVKIT Datasheet
199Kb / 14P
Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX110EVKIT MAXIM-MAX110EVKIT Datasheet
685Kb / 19P
Convenient Test Points Provided On-Board
Rev 1a; 8/05
MAX1450EVKIT MAXIM-MAX1450EVKIT Datasheet
110Kb / 8P
Convenient Test Points Provided On-Board
Rev 0; 1/00
MAX1258EVC16 MAXIM-MAX1258EVC16 Datasheet
486Kb / 41P
Convenient On-Board Test Points
Rev 1; 5/07
MAX1246EVKIT MAXIM-MAX1246EVKIT Datasheet
116Kb / 8P
Convenient On-Board Test Points
Rev 1; 6/97
MAX1241EVKIT MAXIM-MAX1241EVKIT Datasheet
1Mb / 16P
Convenient On-Board Test Points
Rev 1; 8/97
MAX6651EVCMAXQU MAXIM-MAX6651EVCMAXQU Datasheet
252Kb / 8P
Convenient On-Board Test Points
Rev 1; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com