Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX110 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX110
Description  Convenient Test Points Provided On-Board
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX110 Datasheet HTML 9Page - Maxim Integrated Products MAX110 Datasheet HTML 10Page - Maxim Integrated Products MAX110 Datasheet HTML 11Page - Maxim Integrated Products MAX110 Datasheet HTML 12Page - Maxim Integrated Products MAX110 Datasheet HTML 13Page - Maxim Integrated Products MAX110 Datasheet HTML 14Page - Maxim Integrated Products MAX110 Datasheet HTML 15Page - Maxim Integrated Products MAX110 Datasheet HTML 16Page - Maxim Integrated Products MAX110 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
80C32 Module
_________________General Description
The Maxim 80C32 microcontroller (µC) module is
intended for use with this and other Maxim evaluation
kits (EV kits). It contains the 80C32 µC, RS-232 inter-
face, 8kbytes of EPROM, 32kbytes of static RAM, and
address decoding logic. A 40-pin connector mates
with a connector found on Maxim EV kits designed to
interface with the 80C32 module.
The module is connected to an IBM-compatible
personal computer over a serial communications port.
Software provided with each EV kit runs on the
computer and controls the unit consisting of the 80C32
module and EV kit. The program uses a routine stored
in the 27C64 EPROM to download special 80C32 code
for each kit. The downloaded code controls the EV kit
and, together with the program running on the person-
al computer, displays the output data.
The board operates from a single 8V to 22V supply.
Both the pre-regulated and regulated +5V levels are
available to the EV kit through the 40-pin connector.
80C32 Module Power Supply
The Maxim 80C32 module requires an input of 8V to 22V
for normal operation. An on-board 78M05 power regula-
tor supplies the 5V required for the logic on the module,
and any 5V requirements for the EV kit attached to the
40-pin connector. The pre-regulated voltage is also
available on the data connector. The source must be
capable of supplying 100mA for the module and meet-
ing the load requirements of the EV kit.
Microprocessor Supervisor
A MAX707 on the module monitors the 5V logic supply,
generates the power-on reset, and produces a reset
pulse whenever the reset button is pressed. A watch-
dog function was not included because they frequently
interfere while debugging programs, and debugging is
a prime function of this board.
80C32 Microcontroller
The 80C32 is a member of the popular Intel 8051 family
of µCs. It is a low-power CMOS version that requires
external ROM for program storage, 256 bytes of inter-
nal RAM, and four 8-bit I/O ports. Three of the ports are
required by the system for serial communications and
memory control. The fourth port (P1) is available
through the data connector.
The 80C32 communicates with the PC over a serial
RS-232 link. A MAX233 acts as a level shifter between
the ±15V RS-232 signals and the TTL levels of the
80C32. The MAX233 also generates the output
voltages necessary to drive RS-232 lines.
Port 0 (pins 32–39) of the 80C32 multiplexes the lower
eight bits of memory address and the eight bits of
read/write data. The lower eight bits of address data
are latched during each I/O cycle by the 74HCT573
octal latch. The latch is controlled by the address latch
enable (ALE) signal of the 80C32. Port 2 (pins 21–28) of
the 80C32 supplies the upper eight bits of address
information.
MAX110 Evaluation System/Evaluation Kit
______________________________________________________________________________________
13
____80C32 Module Component List
DESIGNATION
QTY
DESCRIPTION
C1, C2
2
15pF ceramic capacitors
C4, C5, C6, C7,
C8, C9, C10,
C11, C12
9
0.1µF, 50V ceramic capacitors
C3, C13, C14
3
22µF, 16V radial electrolytic
capacitors
D1
1
1N4001 diode
J1
1
40-pin right-angle male connector
J2
1
DB9 right-angle socket
R1
1
620
Ω resistor
RS1
1
10k
Ω, 10-pin, 9-resistor SIP
SW1
1
Power switch
SW2
1
Reset switch
IC1
1
80C32
IC2
1
MAX233CPP
IC3
1
27C64
IC4
1
74HCT573
IC5
1
74HCT139
IC6
1
74HCT08
IC7
1
74HCT245
IC8
1
62256
IC9
1
78M05
IC10
1
MAX707CPA
Y1
1
11.059MHz crystal
None
1
2-pin power connector
None
1
28-pin 600-mil socket for IC3
(the EPROM)
None
4
Rubber feet
None
1
3.00" x 5.50" PC board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com