Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL102-108XM Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL102-108XM
Description  Programmable DDR Zero Delay Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL102-108XM Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL102-108XM Datasheet HTML 1Page - PhaseLink Corporation PLL102-108XM Datasheet HTML 2Page - PhaseLink Corporation PLL102-108XM Datasheet HTML 3Page - PhaseLink Corporation PLL102-108XM Datasheet HTML 4Page - PhaseLink Corporation PLL102-108XM Datasheet HTML 5Page - PhaseLink Corporation PLL102-108XM Datasheet HTML 6Page - PhaseLink Corporation PLL102-108XM Datasheet HTML 7Page - PhaseLink Corporation PLL102-108XM Datasheet HTML 8Page - PhaseLink Corporation PLL102-108XM Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PLL102-108
Programmable DDR Zero Delay Clock Driver
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 03/29/02 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
VDD
4,11,15,21,28,34,
38,45
P
2.5V power supply.
GND
1,7,8,18,24,
25,31,41,42,48
P
Ground
AVDD
16
P
Analog power supply (2.5V).
AGND
17
P
Analog ground.
CLKT(0:9)
3,5,10,20,22,46,
44,39,29,27
I
“True” clocks of differential pair outputs.
CLKC(0:9)
2,6,9,19,23,47,
43,40,30,26
I
“Complementary” clocks of differential pair outputs.
CLK_INT
13
I
Single-ended 3.3V tolerant input.
N/C
14,32,36
Not connected.
FB_OUTT
33
O
“True” feedback output. Dedicated for external feedback. It switches at the
same frequency as the CLK_INT.
FB_INT
35
I
“True” feedback input, provides feedback signal to the internal PLL for
synchronization with CLK_INT to eliminate phase error.
SDATA
37
B
SCLK
12
I
Serial data input for serial interface port.
Functionality
INPUTS
OUTPUTS
AVDD
CLK_INT
CLK_INC
CLKT
CLKC
FB_OUTT
PLL State
2.5V (Nom)
L
H
L
H
L
On
2.5V (Nom)
H
L
H
L
H
On
GND
L
H
L
H
L
Bypass/Off
GND
H
L
H
L
H
Bypass/Off



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com