Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL103-01 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL103-01
Description  Low Skew Buffers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-01 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL103-01 Datasheet HTML 1Page - PhaseLink Corporation PLL103-01 Datasheet HTML 2Page - PhaseLink Corporation PLL103-01 Datasheet HTML 3Page - PhaseLink Corporation PLL103-01 Datasheet HTML 4Page - PhaseLink Corporation PLL103-01 Datasheet HTML 5Page - PhaseLink Corporation PLL103-01 Datasheet HTML 6Page - PhaseLink Corporation PLL103-01 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PLL103-01
Low Skew Buffers
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 03/08/00 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
SDRAM (0:3)
4,5,8,9
O
SDRAM Byte0 Clock outputs.
SDRAM (4:7)
13,14,17,18
O
SDRAM Byte1 Clock outputs.
SDRAM (8:11)
31,32,35,36
O
SDRAM Byte2 Clock outputs.
SDRAM (12:15)
40,41,44,45
O
SDRAM Byte3 Clock outputs.
SDRAM (16:17)
21,28
O
SDRAM Byte4 Clock outputs.
OE
38
I
Tristates all outputs, active low. Has internal pull-up.
BUF_IN
11
I
Input for fanout buffers SDRAM (0:17).
SDATA
24
B
SCLK
25
I
Serial data inputs for serial interface port.
VDD
3,7,12,16,20,2
9,33,37,42,46
P
3.3V Power supply for SDRAM buffer.
VDD1
23
P
3.3V Power supply for I2C circuitry.
GND
6,10,15,19,22,
27,30,34,39,43
P
Ground for SDRAM buffer.
GND1
26
P
Power supply for I2C circuitry.
N/C
1,2,47,48
-
Pins are internally disconnected.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com