Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-10DI Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL602-10DI
Description  96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-10DI Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL602-10DI Datasheet HTML 1Page - PhaseLink Corporation PLL602-10DI Datasheet HTML 2Page - PhaseLink Corporation PLL602-10DI Datasheet HTML 3Page - PhaseLink Corporation PLL602-10DI Datasheet HTML 4Page - PhaseLink Corporation PLL602-10DI Datasheet HTML 5Page - PhaseLink Corporation PLL602-10DI Datasheet HTML 6Page - PhaseLink Corporation PLL602-10DI Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary
PLL602-10
96MHz – 400MHz Low Phase Noise XO (for 12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 11/06/02 Page 1
FEATURES
• Low phase noise output for the 96MHz to
400MHz range (-134 dBc at 10kHz offset).
• Selectable CMOS, PECL and LVDS output.
• 12 to 25MHz crystal input.
• Output Enable selector.
• 3.3V operation.
• Available in DIE (65 mil x 62 mil).
DESCRIPTIONS
The PLL602-10 is a monolithic low jitter and low
phase noise (-134dBc/Hz @ 10kHz offset) XO IC
Die, with CMOS, LVDS and PECL output, for 96MHz
to 400MHz output range, using a low frequency
crystal.
The same die can be used as a XO with output
frequencies ranging from FXIN x 8 to FXIN x 16 thanks
to selector pads allowing bonding options (see
Divider Selection Table on this page). This makes
the PLL602-10 ideal for a wide range of applications.
DIE SPECIFICATIONS
Name
Value
Size
62 x 65 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
DIE CONFIGURATION
MULTIPLIER SELECTION
Pad #19
MULTIPLIER
OUTPUT RANGE
0
FXIN x 16
192 – 400 MHz
1
FXIN x 8
96 – 200 MHz
Note:
Selector pad defaults to ‘1’, wire bond to GND to set to ‘0’
OUTPUT SELECTION AND ENABLE
Pad #18
OUTSEL1
Pad #25
OUTSEL0
Selected Output
0
0
High Drive CMOS
0
1
Standard CMOS
1
0
PECL
1
1
LVDS
OE (Pad #30)
State
0
Tri-state
1 (Default)
Output enabled
BLOCK DIAGRAM
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
CLKBAR
OE
XIN
XOUT
CLK
SELECT
18
19
20
21
23
25
7
13
10
26
29
31
Y
X
(0,0)
(1550,1475)
65 mil
24
22
17
16
15
14
12
11
9
8
6
1
2
3
4
5
27
28
30


Similar Part No. - PLL602-10DI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-11 PLL-PLL602-11 Datasheet
198Kb / 5P
96MHz - 200MHz Low Phase Noise PECL XO (12 - 25MHz Crystals)
PLL602-11OC PLL-PLL602-11OC Datasheet
198Kb / 5P
96MHz - 200MHz Low Phase Noise PECL XO (12 - 25MHz Crystals)
PLL602-11OC-R PLL-PLL602-11OC-R Datasheet
198Kb / 5P
96MHz - 200MHz Low Phase Noise PECL XO (12 - 25MHz Crystals)
PLL602-12 PLL-PLL602-12 Datasheet
196Kb / 5P
96MHz - 192MHz Low Phase Noise LVDS XO (12 - 25MHz Crystal)
PLL602-12OC PLL-PLL602-12OC Datasheet
196Kb / 5P
96MHz - 192MHz Low Phase Noise LVDS XO (12 - 25MHz Crystal)
More results

Similar Description - PLL602-10DI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-14 PLL-PLL602-14 Datasheet
196Kb / 5P
192MHz - 400MHz Low Phase Noise LVDS XO (12 - 25MHz Crystal)
PLL602-11 PLL-PLL602-11 Datasheet
198Kb / 5P
96MHz - 200MHz Low Phase Noise PECL XO (12 - 25MHz Crystals)
PLL602-12 PLL-PLL602-12 Datasheet
196Kb / 5P
96MHz - 192MHz Low Phase Noise LVDS XO (12 - 25MHz Crystal)
PLL502-10 PLL-PLL502-10 Datasheet
138Kb / 8P
750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-11 PLL-PLL502-11 Datasheet
106Kb / 6P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
PLL502-12 PLL-PLL502-12 Datasheet
104Kb / 6P
96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
logo
Abracon Corporation
ABX0212 ABRACON-ABX0212 Datasheet
60Kb / 5P
96MHz -192MHz Low Phase Noise LVDS XO (12 ??25MHz Crystal)
03/21/05
ABV0211 ABRACON-ABV0211 Datasheet
84Kb / 5P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystals)
03/21/05
ABX0211 ABRACON-ABX0211 Datasheet
62Kb / 5P
96MHz ??200MHz Low Phase Noise PECL XO (12 ??25MHz Crystals)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com