Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # AT25DF021A
Description  2-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF021A Datasheet(HTML) 3 Page - Dialog Semiconductor

  AT25DF021A Datasheet HTML 1Page - Dialog Semiconductor AT25DF021A Datasheet HTML 2Page - Dialog Semiconductor AT25DF021A Datasheet HTML 3Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2.
Ordering Code
2.1
Green Package Options (Pb/Halide-free/RoHS Compliant)
3.
Revision History
1.
Typical values measured at 1.8V @ 25°C for the 1.7V to 3.6V range.
2.
Typical values measured at 3.0V @ 25°C for the 2.3V to 3.6V range.
Ordering Code (1)
1.
The shipping carrier option code is not marked on the devices.
Package
Operating Voltage
Max. Freq.
(MHz)
Operation Range
AT25DF021A-SSHNHR-T
8S1
1.7V to 3.6V
85MHz
Extended
(-40°C to +125°C)
AT25DF021A-SSHNHR-B
AT25DF021A-XMHNHR-T
8X
AT25DF021A-XMHNHR-B
AT25DF021A-MHNHR-T
8MA1
AT25DF021A-MHNHR-Y
AT25DF021A-MAHNHR-T
8MA3
AT25DF021A-DWFHT (2)
2.
Contact Adesto for mechanical drawing or Die Sales information.
DWF
Package Type
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8X
8-lead, Thin Shrink Small Outline Package
8MA1
8-pad, 5 x 6 x 0.6mm, Thermally Enhanced Plastic Ultra Thin Dual Flat No-lead (UDFN)
8MA3
8-pad, 2 x 3 x 0.6mm, Thermally Enhanced Plastic Ultra Thin Dual Flat No Lead Package (UDFN)
DWF
Die in Wafer Form
Revision Level – Release Date
History
A – January 2015
Initial release.
B – May 2015
Updated AC and DC Characteristics.
C – May 2015
Added tray option to 5x6 UDFN.
D – November 2015
Removed preliminary package note.
© 2015 Adesto Technologies. All rights reserved. / Rev.: DS-25DF021A–042D–11/2015
Disclaimer: Adesto Technologies Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Adesto's Terms
and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications
detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Adesto are granted by the
Company in connection with the sale of Adesto products, expressly or by implication. Adesto's products are not authorized for use as critical components in life support devices or systems.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com