Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF081A Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button AT25DF081A Datasheet HTML 35Page - Dialog Semiconductor AT25DF081A Datasheet HTML 36Page - Dialog Semiconductor AT25DF081A Datasheet HTML 37Page - Dialog Semiconductor AT25DF081A Datasheet HTML 38Page - Dialog Semiconductor AT25DF081A Datasheet HTML 39Page - Dialog Semiconductor AT25DF081A Datasheet HTML 40Page - Dialog Semiconductor AT25DF081A Datasheet HTML 41Page - Dialog Semiconductor AT25DF081A Datasheet HTML 42Page - Dialog Semiconductor AT25DF081A Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
38
8715E–SFLSH–11/2017
AT25DF081A
12.2 Read Manufacturer and Device ID
Identification information can be read from the device to enable systems to electronically query and identify the
device while it is in system. The identification method and the command opcode comply with the JEDEC standard
for “Manufacturer and Device ID Read Methodology for SPI Compatible Serial Interface Memory Devices”. The
type of information that can be read from the device includes the JEDEC defined Manufacturer ID, the vendor spe-
cific Device ID, and the vendor specific Extended Device Information.
The Read Manufacturer and Device ID command is limited to a maximum clock frequency of fCLK. Since not all
Flash devices are capable of operating at very high clock frequencies, applications should be designed to read the
identification information from the devices at a reasonably low clock frequency to ensure that all devices to be used
in the application can be identified properly. Once the identification process is complete, the application can then
increase the clock frequency to accommodate specific Flash devices that are capable of operating at the higher
clock frequencies.
To read the identification information, the CS pin must first be asserted and the opcode of 9Fh must be clocked into
the device. After the opcode has been clocked in, the device will begin outputting the identification data on the SO
pin during the subsequent clock cycles. The first byte that will be output will be the Manufacturer ID followed by two
bytes of Device ID information. The fourth byte output will be the Extended Device Information String Length, which
will be 00h indicating that no Extended Device Information follows. After the Extended Device Information String
Length byte is output, the SO pin will go into a high-impedance state; therefore, additional clock cycles will have no
affect on the SO pin and no data will be output. As indicated in the JEDEC standard, reading the Extended Device
Information String Length and any subsequent data is optional.
Deasserting the CS pin will terminate the Manufacturer and Device ID read operation and put the SO pin into a
high-impedance state. The CS pin can be deasserted at any time and does not require that a full byte of data be
read.
Table 12-1.
Manufacturer and Device ID Information
Byte No.
Data Type
Value
1
Manufacturer ID
1Fh
2
Device ID (Part 1)
45h
3
Device ID (Part 2)
01h
4
[Optional to read] Extended Device Information (EDI) String Length
01h
5
[Optional to read] EDI Byte 1
00h
Table 12-2.
Manufacturer and Device ID Details
Data Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
Value
Details
Manufacturer ID
JEDEC Assigned Code
1Fh
JEDEC Code:
0001 1111 (1Fh for Adesto)
00
01
111
1
Device ID (Part 1)
Family Code
Density Code
45h
Family Code:
010 (AT25DF/26DFxxx series)
Density Code:
00101 (8-Mbit)
01
00
010
1
Device ID (Part 2)
Sub Code
Product Version Code
01h
Sub Code:
000 (Standard series)
Product Version: 00001 (Second major version)
00
00
000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com