Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF041B-DWFHT Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # AT25DF041B-DWFHT
Description  4-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF041B-DWFHT Datasheet(HTML) 3 Page - Dialog Semiconductor

  AT25DF041B-DWFHT Datasheet HTML 1Page - Dialog Semiconductor AT25DF041B-DWFHT Datasheet HTML 2Page - Dialog Semiconductor AT25DF041B-DWFHT Datasheet HTML 3Page - Dialog Semiconductor AT25DF041B-DWFHT Datasheet HTML 4Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2.
Ordering Code
2.1
Green Package Options (Pb/Halide-free/RoHS Compliant)
3. Revision History
Ordering Code (1)
1. The shipping carrier option code is not marked on the devices.
Package
Operating Voltage
Max. Freq.
(MHz)
Operation Range
AT25DF041B-SSHNHR-T
8S1
1.7V to 3.6V
85MHz
Extended
(-40°C to +125°C)
AT25DF041B-SSHNHR-B
AT25DF041B-XMHNHR-T
8X
AT25DF041B-XMHNHR-B
AT25DF041B-MAHNHR-T
8MA3
AT25DF041B-DWFHT (2)
2. Contact Adesto for mechanical drawing or Die Sales information.
DWF
AT25DF041B-UUNHR-T (3)
3. Contact Adesto for WLCSP availability and lead time. Handle product in accordance with UV and ESD precautions.
8-WLCSP
Package Type
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8X
8-lead, Thin Shrink Small Outline Package
8MA3
8-pad, 2 x 3 x 0.6mm, Thermally Enhanced Plastic Ultra Thin Dual Flat No Lead Package (UDFN)
DWF
Die in Wafer Form
8-WLCSP
8-ball, 3 x 2 x3mm Ball Matrix, 0.35mm Z-Height
Revision Level – Release Date
History
A – January 2015
Initial release.
B – November 2015
Added WLCSP package. Corrected units specification for IUDPD and tCSH. Removed
preliminary package note.
C – August 2017
Updated corporate address information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com