Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL103-06 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL103-06
Description  DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-06 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL103-06 Datasheet HTML 1Page - PhaseLink Corporation PLL103-06 Datasheet HTML 2Page - PhaseLink Corporation PLL103-06 Datasheet HTML 3Page - PhaseLink Corporation PLL103-06 Datasheet HTML 4Page - PhaseLink Corporation PLL103-06 Datasheet HTML 5Page - PhaseLink Corporation PLL103-06 Datasheet HTML 6Page - PhaseLink Corporation PLL103-06 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary
PLL103-06
DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 12/20/00 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
FBOUT
1
O
Feedback clock for chipset. Output voltage depends on VDD3.3_2.5V.
BUF_IN
10
I
Reference input from chipset. 3.3V input for STANDARD SDRAM mode;
2.5V input for DDR-ONLY mode.
PD
2
I
Power Down Control input. When low, it will tri-state all outputs.
SEL_DDR
28
I
Input configure for DDR-ONLY mode or STANDARD SDR mode.
1 = DDR-ONLY mode (when VDD3.3_2.5 select 2.5V);
0 = SDR mode (when VDD3.3_2.5 select 3.3V).
In DDR-ONLY mode, all outputs will be configured as DDR outputs.
In STANDARD SDR mode, all outputs will be configured as SDRAM
outputs.
DDR[0:5]T_SDRAM
[0,2,4,6,8,10]
3,7,12,19,
23,27
O
When SEL_DDR=1, these outputs provide DDR mode outputs; when
SEL_DDR=0, these outputs provide standard SDRAM mode outputs.
Voltage swing depends on VDD3.3_2.5.
DDR[0:5]C_SDRAM
[1,3,5,7,9,11]
4,8,13,18,
22,26
O
When SEL_DDR=1, these outputs provide complementary copies of
BUF_IN; when SEL_DDR=0, these outputs provide standard SDRAM
mode outputs. Voltage swing depends on VDD3.3_2.5.
VDD3.3_2.5
5,9,14,21,25
P
When VDD=2.5V, SEL_DDR=1. DDR-ONLY mode is selected; when
VDD=3.3V, SEL_DDR=0. STANDARD SDRAM mode is selected.
GND
6,11,17,
20,24
P
Ground.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com