Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL128A Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # AT25QL128A
Description  1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL128A Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button AT25QL128A Datasheet HTML 9Page - Dialog Semiconductor AT25QL128A Datasheet HTML 10Page - Dialog Semiconductor AT25QL128A Datasheet HTML 11Page - Dialog Semiconductor AT25QL128A Datasheet HTML 12Page - Dialog Semiconductor AT25QL128A Datasheet HTML 13Page - Dialog Semiconductor AT25QL128A Datasheet HTML 14Page - Dialog Semiconductor AT25QL128A Datasheet HTML 15Page - Dialog Semiconductor AT25QL128A Datasheet HTML 16Page - Dialog Semiconductor AT25QL128A Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
12
AT25QL128A
DS-AT25QL128A–129E–01-2021
7
Status Register
The Read Status Register instruction can be used to provide status on the availability of the Flash memory array, if
the device is write enabled or disabled the state of write protection and the Quad SPI setting. The Write Status
Register instruction can be used to configure the device’s write protection features and the Quad SPI setting.
Write access to the Status Register is controlled in some cases by the WP pin.
7.1
Busy
BUSY is a read-only bit in the status register (S0) that is set to 1 when the device is executing a Page Program,
Erase, Write Status Register, or Write Security Register instruction. During this time, the device ignores further
instructions, except for the Read Status Register and Erase / Program Suspend instruction (see tW, tPP, tSE, tBE1,
tBE2, and tCE in Section 9.6, AC Electrical Characteristics, on page 73). When the Program, Erase, Write Status
Register, or Write Security Register instruction has completed, the BUSY bit is cleared to a 0 state, indicating the
device is ready for further instructions.
Other exceptions are the Enable Reset (66h) and Reset (99h) commands. Even if the BUSY bit is active (1), the
device accepts and executes a RESET command from the host system. The host system must wait for the BUSY
bit to become inactive (0) before sending the RESET command. If the device receives a RESET command during
an ERASE or in Program mode, memory corruption can occur. See Section 8.34, Enable Reset (66h) and Reset
(99h) for more information.
7.2
Write Enable Latch (WEL)
Write Enable Latch (WEL) is a read-only bit in the status register (S1) that is set to a 1 after executing a Write
Enable instruction. It is cleared to 0 when device is write-disabled. A write disable state occurs upon power-up or
after any of the following instructions: Write Disable, Page Program, Erase and Write Status Register.
7.3
Block Protect Bits (BP2, BP1, BP0)
The Block Protect Bits (BP2, BP1, BP0) are non-volatile read/write bits in the status register (S4, S3, and S2) that
provide write protection control and status. Block protect bits can be set using the Write Status Register Instruction
(see tW in Section 9.6, AC Electrical Characteristics, on page 73). All, none, or a portion of the memory array can
be protected from Program and Erase instructions (see Table 7-2, on page 14, and Table 7-3, on page 15). The
S7
S6
S5
S4
S3
S2
S1
S0
SRP
SEC
TB
BP2
BP1
BP0
WEL
BUSY
Status
Register
Protect 0
(Non-
Volatile)
Sector
Protect
(Non-
Volatile)
Top/Bottom
Write
Protect
(Non-
Volatile)
Block
Protect
(Non-
Volatile)
Block
Protect
(Non-
Volatile)
Block
Protect
(Non-
Volatile)
Write
Enable
Latch
Erase or
Write in
Progress
S15
S14
S13
S12
S11
S10
S9
S8
SUS
CMP
(R)
(R)
(R)
(R)
QE
SRP1
Suspend
Status
Complement
Protect (Non-
Volatile)
Reserved
Reserved
Reserved
Reserved
Quad
Enable
(Non-
Volatile)
Register
Protect 1
(Non-
Volatile)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com