Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL103-11SC Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL103-11SC
Description  Low Skew Buffers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-11SC Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL103-11SC Datasheet HTML 1Page - PhaseLink Corporation PLL103-11SC Datasheet HTML 2Page - PhaseLink Corporation PLL103-11SC Datasheet HTML 3Page - PhaseLink Corporation PLL103-11SC Datasheet HTML 4Page - PhaseLink Corporation PLL103-11SC Datasheet HTML 5Page - PhaseLink Corporation PLL103-11SC Datasheet HTML 6Page - PhaseLink Corporation PLL103-11SC Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PLL103-11
Low Skew Buffers
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 11/07/00 Page 6
2. Output Buffer Electrical Specifications
Unless otherwise stated, all power supplies = 3.3V
±5%, and ambient temperature range TA= 0°C to 70°C
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output High Voltage
VOH
IOH =
−36 mA
2.4
3
V
Output Low Voltage
VOL
IOH = 23 mA
0.27
0.4
V
Output High Current
IOH
VOH = 2.0 V
-115
-54
mA
Output Low Current
IOL
VOL = 0.8 V
40
57
mA
Output Impedance
RDSP
VO = (0.5)
∗ VDD
10
24
ohm
Output Impedance
RDSN
VO = (0.5)
∗ VDD
10
24
ohm
Rise Time
Tr
VOL = 0.4 V, VOH = 2.4V
0.95
1.33
ns
Fall Time
Tf
VOH = 2.4 V, VOL = 0.4V
0.95
1.33
ns
Skew
Tskew
VT = 1.5 V
110
250
ps
Duty Cycle
DT
VT = 1.5 V
45
50
55
%
TPROP
VT = 1.5 V
1
5
6
ns
TPROPEN
VT = 1.5 V
1
8
ns
Propagation
TPROPDIS
VT = 1.5 V
1
8
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com