Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL650-03SC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL650-03SC
Description  Low EMI Network LAN Clock
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-03SC Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL650-03SC Datasheet HTML 1Page - PhaseLink Corporation PLL650-03SC Datasheet HTML 2Page - PhaseLink Corporation PLL650-03SC Datasheet HTML 3Page - PhaseLink Corporation PLL650-03SC Datasheet HTML 4Page - PhaseLink Corporation PLL650-03SC Datasheet HTML 5Page - PhaseLink Corporation PLL650-03SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PLL650-03
Low EMI Network LAN Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
XIN
1
I
25MHz fundamental crystal input (20pF CL parallel resonant). CL have been
integrated into the chip. No external CL capacitor is required.
XOUT/50MHz_OE
2
B
Crystal connection pin. At power-up, this pin latches 50MHz_OE (output
enable selector for all 50MHz outputs. Disabled when 50MHz_OE is logical
zero. Has 120k
Ω internal pull up resistor.
50MHz/FS(0:2)
5,7,8
B
50MHz outputs. These pins latch FS(0:2) value at power-up. Pins 5 and 7
have 60k
Ω internal pull up resistors.
50MHz/SS0
9
B
50MHz output. This pin latches SS0 value at power-up (tri-level pin). SS0
value is used to control the spread spectrum function.
SDRAMx2
11
O
SDRAM outputs with double drive strength determined by FS(0:1) value.
25MHz/100MHz
14
O
25MHz (reference) or 100MHz output. Can be disabled with FS2 = M.
VDD
4,10,15,16
P
3.3V power supply.
GND
3,6,12,13
P
Ground.
SPREAD SPECTRUM SELECTION TABLE
SS0
SST
0
±0.75% Center
M
OFF
1
±0.5% Center
FUNCTIONAL DESCRIPTION
Selectable spread spectrum and output frequencies
The PLL650-03 provides selectable spread spectrum modulation and selectable output frequencies. Selection is made by
connecting specific pins to a logical “zero” or “one”, or by leaving them not connected (tri-level inputs or internal pull-up)
according to the frequency and spread spectrum selection tables shown on pages 1 and 2 respectively.
In order to reduce pin usage, the PLL650-03 uses tri-level input pins. These pins allow 3 levels for input selection: namely, 0
(Connect to GND), 1 (Connect to VDD), M (Do not connect). Thus, unlike the two-level selection pins, the tri-level input pins are
in the “M” (mid) state when not connected. In order to connect a tri-level pin to a logical “zero”, the pin must be connected to
GND. Likewise, in order to connect to a logical “one” the pin must be connected to VDD.
Pin 2 (XOUT/50MHz_OE) is a bi-directional pin used to disable the 50MHz outputs. Pin 5 (FS0) and pin 7 (FS1) are bi-
directional pins used to select the SDRAM output frequency upon power-up. Pin 8 (FS2) and pin 9 (SS0) are bi-directional pins
used to select the output frequency of pin 14, as shown in the frequency table on page 1, and to control the Spread Spectrum
modulation for EMI reduction. After the input signals have been latched, pins 5, 7, 8, 9, and 11 serve as 50 MHz frequency
outputs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com