Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL650-04ACLR Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL650-04ACLR
Description  Low EMI Clock for 10/100 PHY and Gigabit Ethernet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-04ACLR Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL650-04ACLR Datasheet HTML 1Page - PhaseLink Corporation PLL650-04ACLR Datasheet HTML 2Page - PhaseLink Corporation PLL650-04ACLR Datasheet HTML 3Page - PhaseLink Corporation PLL650-04ACLR Datasheet HTML 4Page - PhaseLink Corporation PLL650-04ACLR Datasheet HTML 5Page - PhaseLink Corporation PLL650-04ACLR Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Preliminary
PLL650-04
Low EMI Clock for 10/100 PHY and Gigabit Ethernet
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com Rev 05/31/05 Page 6
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL650-04 X X X - R
Part / Order Number
Marking
Package Option
Temperature
PLL650-04XC
P650-04XC
20-Pin SSOP (Tube)
0 to +70゚C
PLL650-04XC-R
P650-04XC
20-Pin SSOP (Tape & Reel)
0 to +70゚C
PLL650-04XCL
P650-04XCL
20-Pin SSOP (Tube)
0 to +70゚C
PLL650-04XCL-R
P650-04XCL
20-Pin SSOP (Tape & Reel)
0 to +70゚C
E
H
D
A1
e
B
C
L
A
20 PIN Narrow SSOP (inches)
SSOP
Symbol
Min.
Max.
A
0.053
0.069
A1
0.004
0.010
B
0.008
0.012
C
0.007
0.010
D
0.337
0.344
E
0.150
0.157
H
0.228
0.244
L
0.016
0.050
e
0.025 BSC
450
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
PACKAGE TYPE
X=SSOP
NONE= TUBE
R= TAPE & REEL
NONE=NORMAL PACKAGE
L=GREEN PACKAGE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com