Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL650-06 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL650-06
Description  Network LAN Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-06 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL650-06 Datasheet HTML 1Page - PhaseLink Corporation PLL650-06 Datasheet HTML 2Page - PhaseLink Corporation PLL650-06 Datasheet HTML 3Page - PhaseLink Corporation PLL650-06 Datasheet HTML 4Page - PhaseLink Corporation PLL650-06 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLL650-06
Network LAN Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
XIN
1
I
25MHz fundamental crystal input (20pF CL parallel resonant).
XOUT
2
I
Crystal connection pin.
50MHz/FS
4
B
50MHz outputs. This pin latches the FS input value at power-up. It has a
60k
Ω internal pull up resistor.
75MHz / 66MHz
6
O
75MHz or 66.6MHz outputs with double drive strength. The output frequency
is determined by the value of FS (see pin 4).
VDD
5, 8
P
3.3V power supply.
GND
3, 7
P
Ground.
FUNCTIONAL DESCRIPTION
Selectable spread spectrum and output frequencies
The PLL650-06 provides selectable output frequencies. Selection is made by connecting the selector pin to a logical “zero” or
“one”, or by leaving it not connected (internal pull-up) according to the frequency selection table shown on page 1.
Pin 4 (FS) is a bi-directional pin used to select the output frequency of pin 6 (75MHz or 66.6MHz) according to the Frequency
Selection Table on page 1. The description of how to connect this bi-directional pin follows in the next paragraph.
Connecting a bi-directional pin
A bi-directional pin serves as input upon power-up, and as output as soon as the inputs have been latched. The value of the
input is latched-in upon power-up. Depending on the pin (see pin description), the input can be tri-level or a standard two-level.
Unlike unidirectional pins, bi-directional pins cannot be connected directly to GND or VDD in order to set the input to "0" or "1",
since the pin also needs to serve as output. In the case of two level input pins, an internal pull-up resistor is present. This allows
a default value to be set when no external pull down resistor is connected between the pin and GND (by definition, a tri-level
input has a the default value of "M" (mid) if it is not connected). In order to connect a bi-directional pin to a non-default value, the
input must be connected to GND or VDD through an external pull-down/pull-up resistor. Note: when the output load presents a
low impedance in comparison to the internal pull-up resistor, the internal pull-up resistor may not be sufficient to pull the input up
to a logical “one”, and an external pull-up resistor may be required.
For bi-directional inputs, the external loading resistor between the pin and GND has to be sufficiently small (compared to the
internal pull-up resistor) so that the pin voltage be pulled below 0.8V (logical “zero”). In order to avoid loading effects when the
pin serves as output, the value of the external pull-down resistor should however be kept as large as possible. In general, it is
recommended to use an external resistor of around one sixth to one quarter of the internal pull-up resistor (see Application
Diagram). Note: when the output is used to drive a load presenting an small resistance between the output pin and VDD, this
resistance is in essence connected in parallel to the internal pull-up resistor. In such a case, the external pull-down resistor may
have to be dimensioned smaller to guarantee that the pin voltage will be low enough achieve the desired logical “zero”. This is
particularly true when driving 74FXX TTL components.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com