Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL650-07 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL650-07
Description  LOW COST Network LAN Clock SOURCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-07 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL650-07 Datasheet HTML 1Page - PhaseLink Corporation PLL650-07 Datasheet HTML 2Page - PhaseLink Corporation PLL650-07 Datasheet HTML 3Page - PhaseLink Corporation PLL650-07 Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLL650-07
LOW COST Network LAN Clock SOURCE
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
FEATURES
• Full CMOS output swing with 40-mA output drive
capability. 25-mA output drive at TTL level.
• Advanced, low power, sub-micron CMOS processes.
• 25MHz fundamental crystal or clock input.
• 2 outputs fixed at 50MHz, 2 outputs fixed at 25MHz .
• Zero PPM synthesis error in all clocks.
• Ideal for Network switches.
• 3.3V operation.
•
Available in 14-Pin 150mil SOIC.
DESCRIPTION
The PLL650-07 is a low cost, low jitter, high
performance clock synthesizer. With PhaseLink’s
proprietary analog Phase Locked Loop techniques, this
device can produce multiple clock outputs from a 25.0MHz
crystal or reference clock. This makes the PLL650-07 an
excellent choice for systems requiring clocking for network
chips and ASICs.
PIN CONFIGURATION
BLOCK DIAGRAM
50MHz
Post
Divider
XTAL
OSC
XIN
XOUT
Phase
Detector
Charge
Pump
Loop
Filter
VCO
VCO
Divider
+
2
2
25MHz
1
2
3
4
5
6
7
8
9
10
11
12
13
14
XIN
VDDA
NC
GND
25MHz
GND25M
25MHz
XOUT
GNDA
VDD50M
50MHz
GND50M
50MHz
VDD25M


Similar Part No. - PLL650-07

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL650-01 PLL-PLL650-01 Datasheet
219Kb / 7P
Low EMI Network LAN Clock
PLL650-01XC PLL-PLL650-01XC Datasheet
219Kb / 7P
Low EMI Network LAN Clock
PLL650-01XC-R PLL-PLL650-01XC-R Datasheet
219Kb / 7P
Low EMI Network LAN Clock
logo
List of Unclassifed Man...
PLL650-02 ETC1-PLL650-02 Datasheet
100Kb / 6P
Low EMI Network LAN Clock
logo
PhaseLink Corporation
PLL650-02 PLL-PLL650-02 Datasheet
228Kb / 6P
Low EMI Network LAN Clock
More results

Similar Description - PLL650-07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB3LV ETC1-CB3LV Datasheet
83Kb / 3P
7x5mm Low Cost clock Oscillator
PLL650-02 ETC1-PLL650-02 Datasheet
100Kb / 6P
Low EMI Network LAN Clock
logo
PhaseLink Corporation
PLL650-03 PLL-PLL650-03 Datasheet
231Kb / 6P
Low EMI Network LAN Clock
PLL650-05 PLL-PLL650-05 Datasheet
231Kb / 6P
Low EMI Network LAN Clock
PLL650-06 PLL-PLL650-06 Datasheet
228Kb / 5P
Network LAN Clock
PLL650-08 PLL-PLL650-08 Datasheet
312Kb / 5P
Network LAN Clock Source
PLL650-10 PLL-PLL650-10 Datasheet
321Kb / 5P
Network LAN Clock for Gigabit Ethernet
PLL650-01 PLL-PLL650-01 Datasheet
219Kb / 7P
Low EMI Network LAN Clock
PLL650-09 PLL-PLL650-09 Datasheet
332Kb / 5P
Low Cost Network LAN Clock
PLL650-02 PLL-PLL650-02 Datasheet
228Kb / 6P
Low EMI Network LAN Clock
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com