Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM78E Datasheet(PDF) 6 Page - Pepperl+Fuchs Inc.

Part # PVM78E
Description  Multiturn absolute encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PVM78E Datasheet(HTML) 6 Page - Pepperl+Fuchs Inc.

  PVM78E Datasheet HTML 1Page - Pepperl+Fuchs Inc. PVM78E Datasheet HTML 2Page - Pepperl+Fuchs Inc. PVM78E Datasheet HTML 3Page - Pepperl+Fuchs Inc. PVM78E Datasheet HTML 4Page - Pepperl+Fuchs Inc. PVM78E Datasheet HTML 5Page - Pepperl+Fuchs Inc. PVM78E Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Multiturn absolute encoder
PVM78E
6
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Ordering information
PV M 7 8 E – 0
0 B
–
Number of singleturn bits
12
4096
13
8192
16
65536
Number of multiturn bits
12 4096
14 16384
Housing material
N
Aluminum
I
INOX 1.4404 (AISI 316L)
Output code
B
Binary
Option
0
None
Exit position
A
Axial
R
Radial
Connection type
K2
Cable, 7-wire, 2 m
K5
Cable, 7-wire, 5 m
DR
Terminal compartment, 2 cable glands
KR
Terminal compartment, 1 cable gland, 1 stopping plug
Flange version
1
Clamping flange
2
Servo flange
Shaft dimension
01
Shaft Ø10 mm x 20 mm
02
Shaft Ø12 mm x 25 mm
Option 1
E
Explosion-proof, standard IP66
Functional principle
M
Multiturn
Shaft version
V
Solid shaft
Data format
P
PROFIBUS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com