Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMX150RHA Datasheet(PDF) 13 Page - Microchip Technology

Part # ATMX150RHA
Description  Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMX150RHA Datasheet(HTML) 13 Page - Microchip Technology

Back Button ATMX150RHA Datasheet HTML 9Page - Microchip Technology ATMX150RHA Datasheet HTML 10Page - Microchip Technology ATMX150RHA Datasheet HTML 11Page - Microchip Technology ATMX150RHA Datasheet HTML 12Page - Microchip Technology ATMX150RHA Datasheet HTML 13Page - Microchip Technology ATMX150RHA Datasheet HTML 14Page - Microchip Technology ATMX150RHA Datasheet HTML 15Page - Microchip Technology ATMX150RHA Datasheet HTML 16Page - Microchip Technology ATMX150RHA Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
8.4
2.5V I/O DC Characteristics
Symbol Parameter
Min
Typ
Max
Unit
Test Conditions
VCC
Buffer Supply Voltage
2.3
2.5
2.7
V
IOs
IIL
Low-level Input Current
– With pull-up resistor
– With pull-down resistor
-1
60
-5
–
130
–
1
260
5
µA
µA
µA
Vin=Vss
IIH
High-level Input Current
– With pull-up resistor
– With pull-down resistor
-1
-5
75
–
–
180
1
5
360
µA
µA
µA
Vin=Vcc
IOZ
High impedance state output current
-1
–
1
µA
Vout=Vcc or Vss
No pull resistor
VIL
Low-level input voltage
-0.3
–
0.7
V
–
VIH
High-level input voltage
2
–
Vcc+0.3
V
–
VT+
Positive-going Schmitt trigger threshold
1.11
1.35
1.59
V
–
VT-
Negative-going Schmitt trigger threshold
0.81
0.93
1.17
V
–
Vhyst
Schmitt trigger hysteresis
0.30
0.42
0.54
V
–
IICS
Cold sparing leakage input current
-1
–
1
µA
Vcc=Vss=0V
Vin=0 to Vcc
IOCS
Cold sparing leakage output current
-1
–
1
µA
Vcc=Vss=0V
Vout=0 to Vcc
VCSth
Supply threshold of cold sparing buffers
–
–
0.5
V
IICS < 4 μA
VOL
Low-level output voltage
–
–
0.4V
V
IOL=1.5, 3, 6, 9, 12 mA
VOH
High-level output voltage
VCC-0.4
–
–
V
IOH=1.5, 3, 6, 9, 12 mA
IOS(*)
Output short-circuit current
– IOSN (nn=1)
– IOSP (nn=1)
–
–
14
14
mA
mA
Vout=Vcc
Vout=Vss
Fmax
Maximum frequency, Cload = 30 pF
–
–
13
50
80
MHz
nn = 1
nn = 4
nn = 8
(*) Supplied as a design limit but not guaranteed or tested. No more than one output may be shorted at a time for a
maximum duration of 10 seconds.
IOSmax = 14, 28, 56, 84, 112 mA for nn = 1, 2, 4, 6, 8
ATMX150RHA
Electrical Characteristics
© 2021 Microchip Technology Inc.
Datasheet
DS60001543C-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com