Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMX150RHA-704 Datasheet(PDF) 6 Page - Microchip Technology

Part # ATMX150RHA-704
Description  Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMX150RHA-704 Datasheet(HTML) 6 Page - Microchip Technology

Back Button ATMX150RHA-704 Datasheet HTML 2Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 3Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 4Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 5Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 6Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 7Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 8Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 9Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
3.
Core
3.1
Standard Cell Library
The Microchip Standard Cell Library contains a comprehensive set of logic and storage cells, including cells that
belong to the following categories:
• Buffers and gates
• Standard and SEU-hardened flip-flops
• Standard and SEU-hardened scan flip-flops
• Latches
• Multiplexers, adders, subtractors
3.2
Memory Hard Blocks
The ATMX150RHA memory libraries are developed from Virage memory compilers. All these memories are
synchronous. Four types of memories can be generated on request:
• Single-port synchronous SRAM
• Dual-port memory with two-port read/write synchronous SRAM
• Two-port synchronous register file with one read port and one write port
• ROM with metal programming
For maximum block sizes, refer to ATMX150RHA Design Manual, available from your Microchip technical center.
3.3
Analog Blocks
MICROCHIP proposes a catalog of analog IPs qualified that can be delivered with a datasheet and qualpack.
The qualification includes:
• Electrical characterization
• TID and SEE characterization
• HTOL tests
The analog IPs consist of Voltage regulators, a voltage reference and monitoring device, clock synthesizer and signal
conditioning IPs.
For more information on a complete list of available analog blocks, please contact the Microchip technical support
team in your region.
The following table lists the preliminary IP blocks and their features.
Table 3-1. Analog Blocks Catalog
IP Block
Features
PLL400MRHA
40-450 MHz PLL
ADC12RHA
12-bit 1 Msps ADC
DAC12RHA
12-bit 1 Msps DAC
MUX8RHA
8-channel analog multiplexer, 10 MHz bandwidth
OSCRC10MRHA
Programmable 4/8/10/12 MHZ RC oscillator, ±1% frequency variation over temperature
OSCRC32KRHA
32 kHz RC oscillator
BG1V2RHA
1.215V bandgap voltage reference, max temp. coef 90 ppm/°C
ATMX150RHA
Core
© 2021 Microchip Technology Inc.
Datasheet
DS60001543C-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com