Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2303 Datasheet(PDF) 36 Page - Microchip Technology

Part # EMC2303
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2303 Datasheet(HTML) 36 Page - Microchip Technology

Back Button EMC2303 Datasheet HTML 32Page - Microchip Technology EMC2303 Datasheet HTML 33Page - Microchip Technology EMC2303 Datasheet HTML 34Page - Microchip Technology EMC2303 Datasheet HTML 35Page - Microchip Technology EMC2303 Datasheet HTML 36Page - Microchip Technology EMC2303 Datasheet HTML 37Page - Microchip Technology EMC2303 Datasheet HTML 38Page - Microchip Technology EMC2303 Datasheet HTML 39Page - Microchip Technology EMC2303 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
EMC2301/2/3/5
DS20006532A-page 36
 2021 Microchip Technology Inc.
6.10
PWM BaseF45 Register
The PWM BASEF45 Register controls the base
frequency of PWM drivers 4 and 5.
6.11
PWM BaseF123 Register
The PWM BaseF123 Register controls the base
frequency of PWM drivers 1, 2 and 3.
REGISTER 6-9:
PWM BASEF45 - PWM 4 AND 5 BASE FREQUENCY CONFIGURATION
REGISTER (ADDRESS 2CH)
U-0
U-0
U-0
U-0
RW-0
RW-0
RW-0
RW-0
—
—
—
—
PMB5[1:0]
PMB4[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented bits, read as ‘0’.
bit 3-2
PMB5[1:0]: Sets the PWM5 base frequency
11 = PWM 5 base is 2.441 kHz.
10 = PWM 5 base is 4.882 kHz.
01 = PWM 5 base is 19.53 kHz.
00 = PWM 5 base is 26.00 kHz.
bit 1-0
PMB4[1:0]: Sets the PWM4 base frequency
11 = PWM 4 base is 2.441 kHz.
10 = PWM 4 base is 4.882 kHz.
01 = PWM 4 base is 19.53 kHz.
00 = PWM 4 base is 26.00 kHz.
REGISTER 6-10:
PWM BASEF123 - PWM 1, 2 AND 3 BASE FREQUENCY CONFIGURATION
REGISTER (ADDRESS 2DH)
U-0
U-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
—
—
PMB3[1:0]
PMB2[1:0]
PMB1[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented bits, read as ‘0’.
bit 5-4
PMB3[1:0]: Sets the PWM3 base frequency
11 = PWM 3 base is 2.441 kHz.
10 = PWM 3 base is 4.882 kHz.
01 = PWM 3 base is 19.53 kHz.
00 = PWM 3 base is 26.00 kHz.
bit 3-2
PMB2[1:0]: Sets the PWM2 base frequency
11 = PWM 2 base is 2.441 kHz.
10 = PWM 2 base is 4.882 kHz.
01 = PWM 2 base is 19.53 kHz.
00 = PWM 2 base is 26.00 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com