Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGL2201 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TGL2201
Description  Wideband Dual Stage VPIN Limiter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGL2201 Datasheet(HTML) 2 Page - Qorvo, Inc

  TGL2201 Datasheet HTML 1Page - Qorvo, Inc TGL2201 Datasheet HTML 2Page - Qorvo, Inc TGL2201 Datasheet HTML 3Page - Qorvo, Inc TGL2201 Datasheet HTML 4Page - Qorvo, Inc TGL2201 Datasheet HTML 5Page - Qorvo, Inc TGL2201 Datasheet HTML 6Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TGL2201
Wideband Dual Stage VPIN Limiter
Data Sheet Rev. C
– January, 2021
- 2 of 6 -
www.qorvo.com
Absolute Maximum Ratings
Parameter
Rating
Incident Power, CW, 50
, 25 °C
5 W
Mounting Temperature (30 seconds)
32
0 °C
Storage Temperature
-55
to 150 °C
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress ratings
only, and functional operation of the device at these conditions is
not implied.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Operating Temperature Range
-55
+25
+85
°C
Passive
– No Bias
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Test conditions, unless otherwise noted: 25 °C
Parameter
Min
Typ.
Max
Units
Operational Frequency Range
2
–
25
GHz
Insertion Loss
< 1
dB
Input Return Loss
12
–
dB
Output Return Loss
12
–
dB
Flat Leakage Power @ PIN > 27 dBm
< 18
dBm
Pulse Recovery Time
< 115
nS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com