Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBX15 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # IBX15
Description  Boost Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IBX15 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  IBX15 Datasheet HTML 1Page - Bel Fuse Inc. IBX15 Datasheet HTML 2Page - Bel Fuse Inc. IBX15 Datasheet HTML 3Page - Bel Fuse Inc. IBX15 Datasheet HTML 4Page - Bel Fuse Inc. IBX15 Datasheet HTML 5Page - Bel Fuse Inc. IBX15 Datasheet HTML 6Page - Bel Fuse Inc. IBX15 Datasheet HTML 7Page - Bel Fuse Inc. IBX15 Datasheet HTML 8Page - Bel Fuse Inc. IBX15 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00197 Rev AG, 09-Mar-2021
Page 4 of 11
IBX15 Series
Boost Converters
© 2021 Bel Power Solutions & Protection
Efficiency
60
70
80
90
0.4
0.8
Io / Ionom
0
JM121
Vi = 24 V
100
η [%]
0.6
0.2
Vi = 36 V
Fig. 3
Efficiency versus input voltage and output current (24IBX15-50-0G)
Interruption Time
The interruption time of a system comprised of a step-up converter IBX15 (Rev. AB or later) and connected converters can easily
be increased by an external capacitor C
hu and adjusting the boost voltage VoB tr to a higher level.
As an example, fig. 4 shows a 36IBX15-50 supplying a DC-DC converter 110IMY70-12.
Formula for the external boost capacitor C
hu:
2 • P
o • t hu
C
hu = ––––––––––––––
(V
oB tr
2
– V
i min
2
)
whereas:
C
hu
= external boost capacitance [mF]
P
o
= output power = input power of the supplied converter [W]
t
hu
= interruption or hold-up time [ms]
V
i min
= min. input voltage of supplied converters [V]
V
oB tr
= boost voltage trimmed using R
BA [V]
JM123
RPUL
RBA
Chu
+
Output
+
+
+
36IBX15
110IMY70-12
Input
80
60
40
0
0
10
20
20
30
[V]
t
JM122
ms
120
100
VChu
Vo
Fig. 4
System with increased interruption time
Fig. 5
Increased interruption time. V
i = 110 V, C hu = 560 µF / 100 V,
P
o = 90 W, VoB tr = 80 V, RBA = 0 Ω. (24IBX15-50-0G)
The external boost capacitor is loaded by a current source to the preselected boost voltage V
oB tr. This current source is activated
after V
o has reached or exceeded VoB tr. If the input voltage is increasing further, the boost capacitor is not charged beyond VoB tr.
Consequently, its rated voltage needs not to be much higher than V
oB tr.
In the case of input voltage loss, the output voltage V
oB drops rapidly to VoB tr until the diode Dhu connects the output with the boost
capacitor, sustaining the output voltage; see fig. 5. As long as V
i min of the supplied converter is not undercut (during t hu), the output
voltage of the supplied converter is not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com