Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # IMX35
Description  35 Watt Quad-Output DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX35 Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button IMX35 Datasheet HTML 8Page - Bel Fuse Inc. IMX35 Datasheet HTML 9Page - Bel Fuse Inc. IMX35 Datasheet HTML 10Page - Bel Fuse Inc. IMX35 Datasheet HTML 11Page - Bel Fuse Inc. IMX35 Datasheet HTML 12Page - Bel Fuse Inc. IMX35 Datasheet HTML 13Page - Bel Fuse Inc. IMX35 Datasheet HTML 14Page - Bel Fuse Inc. IMX35 Datasheet HTML 15Page - Bel Fuse Inc. IMX35 Datasheet HTML 16Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD20009-G Rev F, 20-Nov-2020
Page 13 of 16
IMX35 Series
35 Watt Quad-Output DC-DC Converter
© 2020 Bel Power Solutions & Protection
Immunity to Environmental Conditions
Table 12: Mechanical and climatic stress
Test method
Standard
Test Conditions
Status
Cab Damp heat
steady state
IEC/EN 60068-2-78
MIL-STD-810D section 507.2
Temperature:
40 ±2 °C
Converter
not operating
Relative humidity:
93 +2/-3 %
Duration:
56 days
Ka
Salt mist test
(sodium chloride
NaCl solution) 2
EN 50155:2007
clause 12.2.10
class ST3 2
Temperature:
35 ±2 °C
Converter
not operating
Duration:
48 h
Fc
Vibration
(sinusoidal)
IEC/EN 60068-2-6
MIL-STD-810D section 514.3
Acceleration amplitude:
0.35 mm (10 – 60 Hz)
5 g
n = 49 m/s
2
(60 - 2000 Hz) Converter
operating
Frequency (1 Oct/min):
10 – 2000 Hz
Test duration:
7.5 h (2.5 h in each axis)
Fh
Random vibration
road-band (digital
control) & guidance
IIEC/EN 60068-2-64
Acceleration spectral density: 0.05 g
n
2
/Hz
Converter
operating
Frequency band:
8 to 500 Hz
Acceleration magnitude:
4.9 g
n rms
Test duration:
1.5 h (0.5 h in each axis)
Ea
Shock
(half-sinusoidal)
IEC/EN 60068-2-27
MIL-STD-810D section 516.3
Acceleration amplitude:
50 g
n = 490 m/s
2
Converter
operating
Bump duration:
11 ms
Number of bumps:
18 (3 in each direction)
-
Shock
EN 50155:2007 clause 12.2.11
EN 61373 sect. 10, class B,
body mounted 1
Acceleration amplitude:
5.1 g
n
Converter
operating
Bump duration:
30 ms
Number of bumps:
18 (3 in each direction)
-
Simulated long life
testing at increased
random vibration
levels
EN 50155:2007 clause 12.2.11
EN 61373 sect. 8 and 9,
body mounted 1
Acceleration spectral density: 0.02 g
n
2
/Hz
Frequency band:
5 to 150 Hz
Converter
operating
Acceleration magnitude:
0.8 g
n rms
Test duration:
15 h (5 h in each axis)
1
Body mounted = chassis of a railway coach
2
Models without option Z
Temperatures
Table 13: Temperature specifications, valid for air pressure of 800 to 1200 hPa (800 to 1200 mbar)
Model
-8
Unit
Characteristics
Conditions
min
typ
max
T
A
Ambient temperature
Operational 1
- 40 3
85 1
°C
T
C
Case temperature (without opt. Z) 2
- 40 3
105 2
T
C Z
Components temperature with opt. Z 2
- 40 3
105 2
T
S
Storage temperature
Non operational
- 55
85
1
See Thermal Considerations
2
Temperature measurement point; see Mechanical Data
3
Start-up at –55 °C
Reliability
Table 14: MTBF at nom. load
Ratings
Ground benign
Ground fixed
Ground mobile
Device hours 1
Unit
Model
Standard
40 °C
40 °C
70 °C
50 °C
40IMX35 MIL-HDBK-217F, T
C
336 000
141 000
86 000
110 000
396 000
h
110IMX35 Bellcore, T
A
1 445 000
529 000
294 000
144 000
1
The device hours are based upon the IMX35 series field failure rate recorded between 2000 and 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com