Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDD3 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # LDD3
Description  3W DIN Rail DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDD3 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  LDD3 Datasheet HTML 1Page - Bel Fuse Inc. LDD3 Datasheet HTML 2Page - Bel Fuse Inc. LDD3 Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LDD3-1205
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00838_AA
Safety Standards & Approvals
UL508 (reference)
EN60950 (reference)
EN50178 (reference)
EMC Standards
Emission
EN55011 (CISPR11)
EN55022 (CISPR22)
Class B
Class B
Immunity
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-11
Level 3
Level 3
Level 4
Level 2
Level 2
Protection Degree
EN60529
IP20
Vibration sinusoidal
IEC 60068-2-6
5-17.8 Hz: ±1.6 mm; 17.8-500 Hz: 2g 2Hours /
axis (X,Y,Z)
Shock
IEC 60068-2-27
30 g 6 ms, 20 g 11 ms;
3 bumps / direction, 18 bumps total
* Possible with load derating.
Weight
100 g
Dimensions
35 x 90 x 61.5 mm
Mounting Rail
IEC 60715/H15/TH35-7.5(-15)
Connection Terminals
Screw type Header (24 - 12 AWG)
2.5 mm²
Case Material
ABS, Flame retardant UL94 V-0
Figure 1. Mechanical Drawing
INPUT CONNECTION
OUTPUT CONNECTION
+ = Positive DC (11)
- = Negative DC (12)
+ = Positive DC (5)
- = Negative DC (6)
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com