Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP800SMA3 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # LP800SMA3
Description  LOW PROFILE 806-960 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

LP800SMA3 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  LP800SMA3 Datasheet HTML 1Page - Pulse A Technitrol Company LP800SMA3 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
Page 2 of 2
LOW PROFILE
LP800SMA
LP800SMA3
806-960 MHz
Series : ANTENNA
Issue: 1118
In the effort to improve our products, we reserve the right to make changes judged to be ne cessary
.
C O N F I D E N T I A L A ND P R O P R I E T A R Y I N FO R M A T I O N
T h i s d o c u m en t c o n ta i n s c o n f i d en t i a l a n d p r o p r i e t a r y i n f o r m a t i o n o f P u l s e El e c t r o n i c s , I n c . ( P u l s e) a n d is p r o t e c t e d b y c o p y r i g h t , t r a d e s ec r e t a n d
o t h e r s t a t e a n d f ed e r a l la w s . Its r e c e ip t o r p o s s e s s i o n d o e s n o t c o n v e y a n y r i g h t s t o r ep r o d u c e , d i s c l o s e its c o n t en t s , o r t o m a n u f a c t u r e, u s e o r
s e l l a n y t h in g it m a y d e s c r i b e . R e p r o d u c t i o n , d i s c lo s u r e o r u s e w i t h o u t s p e c if i c w r i t t e n a u t h o r i z a t i o n o f P u l s e is s t r i c t l y f o r b i d d e n
ELECTRICAL SPECIFICATIONS
Frequency
806-960 MHz
Nominal Impedance
50
VSWR
2.1:1
Gain (Overall gain)
UNITY/2.14 dBi
Bandwidth @ 1.5
8.5%
Bandwidth @ 2.0
10%
Connector type:
SMA MALE PLUG
Cable type:
RG-58
Length:
17 ft (LP800SMA)
3 ft (LP800SMA3)
Powerwithstanding
100 Watts
MECHANICAL SPECIFICATIONS
Plastic radome:
MACKROBLEND(PC/ABS)
Color:
BLACK
Overall length:
5.63 X 1.22 INCHES
Fixing system:
DIRECT MOUNT, ½ HOLE
ENVIRONMENTAL SPECIFICATIONS
Operating temperature
-40/+85 °C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com