Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-9601AC Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-9601AC
Description  Single-Port, IEEE짰 802.3bt 90W PoE Midspan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9601AC Datasheet(HTML) 1 Page - Microchip Technology

  PD-9601AC Datasheet HTML 1Page - Microchip Technology PD-9601AC Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD-9601GC Midspan
Single-Port, IEEE® 802.3bt 90W PoE Midspan
microchip.com
Summary
Microchip’s PD-9601GC is a single-port indoor
PoE injector that can provide up to 90W based
on the IEEE 802.3bt standard. It is used for
remote powering of current as well as emerg-
ing high-power applications. The PD-9601GC is
designed to power PoE-compliant devices such
as IEEE 802.11ax access points, Pan-Tilt-Zoom
(PTZ) and dome cameras, IP videophones, thin
clients and other high-power Ethernet end ter-
minals requiring up to 90W of power. The PD-
9601GC is IEEE 802.3bt Type 4-compliant and
is also backward compatible and safe to use
with any IEEE 802.3af/at terminal such as VoIP
phones, IP cameras and wireless LAN access
points, powering 10/100/1000 Base-T devices.
With the midspan’s plug-and-play installation,
it is easy and cost effective to leverage existing
Ethernet infrastructure while providing the
assurance of a future-proof network.
PD-9601GC Features
• IEEE 802.3bt Type 4 standard compliant
• IEEE 802.3af/at backward compatible
• Legacy PoE Support
• Up to 90W of power over 4-pairs
• Plug-and-play installation
Specifications
Feature
Description
Number of Ports
1
Data Rate
10/100/1000 Mbps
Input Power
Requirement
AC Input Voltage: 100 to 240 Vac
AC Input Current: 1.35A
AC Frequency: 50/60 Hz
Output Power
90W over 4-pairs
Power over Ethernet
Output
Data Pairs 1/2 (-), 3/6 (+)
Spare Pairs 7/8 (-), 4/5 (+)
Output Voltage: 55 Vdc Nominal
Dimensions
L × W × H
166.4 mm × 88 mm × 43.9 mm
6.55 in. v 3.46 in. × 1.73 in.
Net Weight
660g
Connectors
Shielded RJ-45, EIA 568A and 568B
Indicators
System Indicator:
AC Power - Green
Channel Power Indicators:
Power delivered over 4 pairs - Green
Power delivered over 2 pairs - Yellow
Environmental
Conditions
Operating Ambient Temperature: 14⁰F to 104⁰F
(−10⁰C to +40⁰C)
Operating Humidity: 90% Maximum, Non-Condensing
Storage Temperature: −4⁰F to +158⁰F (−20⁰C to +70⁰C)
Storage Humidity: 95% Maximum, Non-Condensing
Operating Altitude: −1000 to 6561.6 ft
(−304.8 to 2000m)
Hazardous
Substances
CE, WEEE
Warranty
1 year
Extended Warranty
Available
No
Reliability
MTBF: 100,000 hrs
Thermal Rating
76 BTU/Hr @100 Vac
Regulatory
Compliance
IEEE® 802.3bt Type 4
Electromagnetic
Emission and
Immunity
FCC Part 15, Class B
EN 55032 Class B
EN 55024
VCCI
Safety
UL/IEC/EN 62368-1
Please contact Microchip for a complete list of
certifications.


Similar Part No. - PD-9601AC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-9601GAC MICROSEMI-PD-9601GAC Datasheet
378Kb / 2P
PoH 95 W, Single Port Gigabit Midspan
PD-9601GO MICROSEMI-PD-9601GO Datasheet
173Kb / 2P
Single Port, 90W, Outdoor PoH Midspan
PD-9601GOAC MICROSEMI-PD-9601GOAC Datasheet
173Kb / 2P
Single Port, 90W, Outdoor PoH Midspan
More results

Similar Description - PD-9601AC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
logo
Microchip Technology
PD-9501GI MICROCHIP-PD-9501GI Datasheet
287Kb / 1P
Single Port, 60W Industrial PoE Midspan
1/21
logo
Microsemi Corporation
PD-9601GO MICROSEMI-PD-9601GO Datasheet
173Kb / 2P
Single Port, 90W, Outdoor PoH Midspan
logo
Tripp Lite. All Rights ...
NPOEI-90W-1G TRIPPLITE-NPOEI-90W-1G Datasheet
165Kb / 3P
Industrial Gigabit Ethernet PoE injector, 90W PoE, 802.3bt, Midspan, -40 to 75, IP30 housing, Dual 24~57VDC , DIN rail, 1 Port
logo
Microchip Technology
PD-9001GI MICROCHIP-PD-9001GI Datasheet
447Kb / 2P
Single-Port 30W Industrial PoE Midspan
5/21
PD-9501-10GC MICROCHIP-PD-9501-10GC Datasheet
488Kb / 2P
Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
6/21
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9501GCI MICROCHIP-PD-9501GCI Datasheet
328Kb / 2P
Single-Port, IEEE 802.3bt Type3 60W, 20??0 VDC, Industrial PoE Midspan
6/20
PD-9501GCO MICROCHIP-PD-9501GCO Datasheet
317Kb / 2P
Single-Port, IP67, IEEE 802.3bt Type3, 60W Outdoor PoE Midspan With Extended Temperature Range
2/20
PD-96XXGC MICROCHIP-PD-96XXGC Datasheet
381Kb / 2P
Multi-Port IEEE짰 802.3bt-Compliant 90W PoE Midspan Family With Network Management
7/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com