Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-6512G Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-6512G
Description  Multi-port 802.3af Compliant Midspan Family With Network Management System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-6512G Datasheet(HTML) 1 Page - Microchip Technology

  PD-6512G Datasheet HTML 1Page - Microchip Technology PD-6512G Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD-6500G Family
Multi-port 802.3af Compliant Midspan Family
With Network Management System
microchip.com
Summary
Microchip’s PD-6500G family sets a new standard
for highly secure, intelligent, remotely-managed and
safe-to-use PoE. Microchip's 6500G family includes 12
and 24-port models, making an even wider range of
flexible Power over Ethernet installations possible. The
PD-6500G family provides up to 15.4W of power over
Ethernet to IP telephones, wireless LAN access points,
security network cameras and many other types of
data terminals over standard Ethernet data cables,
leaving network infrastructure completely unaltered.
With the midspan’s Plug-and-Play installation, they are
easily and cost effectively implemented leveraging an
existing Ethernet infrastructure while at the same time
providing the assurance of a future proof network.
Specifications
Feature
Description
Number of Ports
12/24
Data Rate
10/100/1000 Mbps
Input Power
Requirement
AC Input Voltage: 100 to 240 Vac
AC Input Current:
12 port unit - 4A @ 100Vac; 2A @ 240 Vac
24 port unit - 5.5A @ 100Vac; 2.75A @ 240 Vac
AC Frequency: 50/60 Hz
Output Power
User Port Power: 15.4 Watts
Power over
Ethernet Output
4/5 (+), 7/8 (–) Nominal Output Voltage: 52 VDC
Dimensions
L x W x H
438 mm x 272 mm x 44 mm
17.3 in. x 10.8 in. x 1.75 in
Net Weight
12-port unit - 4.7 kg (10.4 lb)
24-port unit - 5 kg (11 lb)
Connectors
Shielded RJ-45, EIA 568A and 568B
Indicators
System Indicator: AC Power - Green
User Indicator: Channel Power - Green
Management
PowerView Pro included
Environmental
Conditions
Operating Ambient Temperature: 32⁰F to 104⁰F
(0⁰C to +40⁰C)
Operating Humidity: Maximum 90%, Non-Condensing
Storage Temperature: –4⁰F to +158⁰F (–20⁰C to +70⁰C)
Storage Humidity: Maximum 95%, Non-condensing
Operating Altitude -1000 to 10,000ft (-304.8 to 3048m)
Hazardous
Substances
CE, WEEE
Warranty
3 years
Extended
Warranty
Available
Contact Microchip
Reliability
MTBF: 100,000 hrs @ 25⁰C
Thermal Rating
170 BTU/Hr (12 Port)
320 BTU/Hr (24 Port)
Regulatory
Compliance
IEEE 802.3af
Electromagnetic
Emission and
Immunity
FCC Part 15, Class B
EN 55032 Class B
EN 55024
VCCI
Safety
UL/IEC/EN 62368-1
Please contact Microchip for a complete list of
certifications
PD-6500G Features
• Safe and reliable power over existing Ethernet
infrastructure
• Powerview Pro remote, web-based SNMPv3 power man-
agement environment
• Legacy PoE support
• IEEE802.3af compliant
• Plug-and-play installation


Similar Part No. - PD-6512G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-6512GAC MICROSEMI-PD-6512GAC Datasheet
927Kb / 2P
Business-class Midspan Family with Network Management System and Lifetime Warranty
PD-6512GM MICROSEMI-PD-6512GM Datasheet
927Kb / 2P
Business-class Midspan Family with Network Management System and Lifetime Warranty
More results

Similar Description - PD-6512G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
PD-6500G MICROSEMI-PD-6500G Datasheet
927Kb / 2P
Business-class Midspan Family with Network Management System and Lifetime Warranty
PD-9000G MICROSEMI-PD-9000G Datasheet
928Kb / 2P
IEEE802.3at Compliant 36W/Port Midspan Family
logo
Microchip Technology
PD-95XX-10GC MICROCHIP-PD-95XX-10GC Datasheet
490Kb / 2P
Multi-port IEEE802.3bt Compliant 60W PoE Midspan Family with Network Management
6/21
PD-3504G MICROCHIP-PD-3504G Datasheet
440Kb / 2P
4-port 802.3af Compliant Gigabit Midspan
5/21
PD-9000G MICROCHIP-PD-9000G Datasheet
462Kb / 2P
IEEE짰 802.3at Compliant 36W/Port Midspan Family
5/21
PD-9004G MICROCHIP-PD-9004G Datasheet
464Kb / 2P
IEEE802.3at Compliant 30W 4-Port Midspan
5/21
PD-96XXGC MICROCHIP-PD-96XXGC Datasheet
381Kb / 2P
Multi-Port IEEE짰 802.3bt-Compliant 90W PoE Midspan Family With Network Management
7/21
logo
Advantech Co., Ltd.
ESRP-CMS-EKI7710 ADVANTECH-ESRP-CMS-EKI7710 Datasheet
1Mb / 2P
Cloud Network Management System
ESRP-CMS-EKI9226 ADVANTECH-ESRP-CMS-EKI9226 Datasheet
17Mb / 16P
Cloud Network Management System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com